전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9954 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD9954
상세설명  400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9954 데이터시트(HTML) 5 Page - Analog Devices

  AD9954 Datasheet HTML 1Page - Analog Devices AD9954 Datasheet HTML 2Page - Analog Devices AD9954 Datasheet HTML 3Page - Analog Devices AD9954 Datasheet HTML 4Page - Analog Devices AD9954 Datasheet HTML 5Page - Analog Devices AD9954 Datasheet HTML 6Page - Analog Devices AD9954 Datasheet HTML 7Page - Analog Devices AD9954 Datasheet HTML 8Page - Analog Devices AD9954 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
AD9954
Rev. 0 | Page 5 of 36
Parameter
Temp
Test
Level
Min
Typ
Max
Unit
COMPARATOR INPUT CHARACTERISTICS
Input Capacitance
25°C
V
3
pF
Input Resistance
25°C
IV
500
kΩ
Input Current
25°C
I
±12
µA
Hysteresis
25°C
IV
30
45
mV
COMPARATOR OUTPUT CHARACTERISTICS
Logic 1 Voltage, High Z Load
FULL
VI
1.6
V
Logic 0 Voltage, High Z Load
FULL
VI
0.4
V
Propagation Delay
25°C
IV
3
ns
Output Duty Cycle Error
25°C
IV
±5
%
Rise/Fall Time, 5 pF Load
25°C
IV
1
ns
Toggle Rate, High Z Load
25°C
IV
200
MHz
Output Jitter2
25°C
IV
1
ps RMS
COMPARATOR NARROWBAND SFDR
dBc
10 MHz (1 MHz)
25°C
V
80
dBc
10 MHz (250 kHz)
25°C
V
85
dBc
10 MHz (50 kHz)
25°C
V
90
dBc
10 MHz (10 kHz)
25°C
V
95
dBc
70 MHz (1 MHz)
25°C
V
80
dBc
70 MHz (250 kHz)
25°C
V
85
dBc
70 MHz (50 kHz)
25°C
V
90
dBc
70 MHz (10 kHz)
25°C
V
95
dBc
110 MHz (1 MHz)
25°C
V
80
dBc
110 MHz (250 kHz)
25°C
V
85
dBc
110 MHz (50 kHz)
25°C
V
90
dBc
110 MHz (10 kHz)
25°C
V
95
dBc
140 MHz (1 MHz)
25°C
V
80
dBc
140 MHz (250 kHz)
25°C
V
85
dBc
140 MHz (50 kHz)
25°C
V
90
dBc
140 MHz (10 kHz)
25°C
V
95
dBc
160 MHz (1 MHz)
25°C
V
80
dBc
160 MHz (250 kHz)
25°C
V
85
dBc
160 MHz (50 kHz)
25°C
V
90
dBc
160 MHz (10 kHz)
25°C
V
95
dBc
CLOCK GENERATOR OUTPUT JITTER3
5 MHz AOUT
25°C
V
100
ps RMS
10 MHz AOUT
25°C
V
60
ps RMS
40 MHz AOUT
25°C
V
50
ps RMS
80 MHz AOUT
25°C
V
50
ps RMS
120 MHz AOUT
25°C
V
50
ps RMS
140 MHz AOUT
25°C
V
50
ps RMS
160 MHz AOUT
25°C
V
50
ps RMS
TIMING CHARACTERISTICS
Serial Control Bus
FULL
IV
Maximum Frequency
FULL
IV
25
Mbps
Minimum Clock Pulse Width Low
FULL
IV
7
ns
Minimum Clock Pulse Width High
FULL
IV
7
ns
Maximum Clock Rise/Fall Time
FULL
IV
2
ns
Minimum Data Setup Time DVDD_I/O = 3.3 V
FULL
IV
3
ns
Minimum Data Setup Time DVDD_I/O = 1.8 V
FULL
IV
5
ns
Minimum Data Hold Time
FULL
IV
0
ns


유사한 부품 번호 - AD9954

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9954 AD-AD9954 Datasheet
742Kb / 40P
   400MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
AD9954/PCBZ AD-AD9954/PCBZ Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9954/PCBZ AD-AD9954/PCBZ Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9954/PCBZ AD-AD9954/PCBZ Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9954/PCBZ1 AD-AD9954/PCBZ1 Datasheet
472Kb / 40P
   400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
More results

유사한 설명 - AD9954

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9953YSVZ AD-AD9953YSVZ Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951 AD-AD9951 Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
AD9952 AD-AD9952 Datasheet
731Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9952YSVZ AD-AD9952YSVZ Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9953 AD-AD9953_15 Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951 AD-AD9951_15 Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9954 AD-AD9954_09 Datasheet
472Kb / 40P
   400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
AD9951YSVZ AD-AD9951YSVZ Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9952 AD-AD9952_15 Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9859 AD-AD9859 Datasheet
574Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com