전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD117HDH 데이터시트(PDF) 4 Page - Jianghai Europe GmbH

부품명 CD117HDH
상세설명  2000h at 105C
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGHAI [Jianghai Europe GmbH]
홈페이지  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD117HDH 데이터시트(HTML) 4 Page - Jianghai Europe GmbH

  CD117HDH Datasheet HTML 1Page - Jianghai Europe GmbH CD117HDH Datasheet HTML 2Page - Jianghai Europe GmbH CD117HDH Datasheet HTML 3Page - Jianghai Europe GmbH CD117HDH Datasheet HTML 4Page - Jianghai Europe GmbH CD117HDH Datasheet HTML 5Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
8
Assistance needed? Please contact JiAnGHAi EuroPE GmbH +49 (0) 2151 652088-72 or info@jianghai-europe.com
Part Number System
Dimensions for loose, short cut leads (bulk)
Order Code: CC (CB, CD, CE, CF)
Straight Lead
Bended Lead
Code
CB
CC
CD
CE
CF
l
5,0 ± 0,5
4,5 ± 0,5
4,0 ± 0,5
3,5 ± 0,5
3,0 ± 0,5
in mm
preferred
EC
R
1C
PT
101
M
FF
25
0611
JExxxxx
Technology
Terminal
Type
Rated Voltage
Code
Series Code
Capacitance
Code (in µF)
Capacitance
Tolerance
Lead Form
Terminal/
Pitch Size
Size
Ø D x L
for Specials only
EC = Electrolytric
Capacitor
SMD
= V
2,5V = 0E
CD 110
= PT
0,47 = R47 ±20%
= M SMD:
4x7
= 0407
Radial = R
4V = 0G
CD 11GL = GL
1,0 = 010 ±10%
= K
Taped
= FF
Terminal = T2
5x11,5
= 0511
PC = Polymer
Capacitor
Snap-In = S
6,3V = 0J
CD 261
= LK
2,2 = 2R2 +20 / -0% = R
Radial:
6,3x11,5 = 0611
10V = 1A
CD 261X = QX
10 = 100 +20 / -10% = V
Taped
= FF
2,0mm
= 20
35x80
= 3580
16V = 1C
CD 262
= QM
100 = 101 +30 / -10% = Q Long Lead
= LL
2,5mm
= 25
45x100 = 45100
20V = 1D
CD 263
= BK
1 000 = 102 +50 / -10% = T
Cut 5,0mm
= CB
3,5mm
= 35
25V = 1E
CD 269
= PH
10 000 = 103
Cut 4,5mm
=
CC
5,0mm
= 50
35V = 1V
CD 269L = HL
Cut 4,0mm
= CD
7,5mm
= 75
40V = 1G
CD 281
= LL
Cut 3,5mm
= CE
10,0mm = 10
50V = 1H
CD 281L = LH
Cut 3,0mm
= CF
12,5mm = 12
63V = 1J
CD 287
= GC
on request: alternative lead forms (Keyed
Polarity, axial, 90° - angle, others)
80V = 1K
CD 28L
= QL
100V = 2A
CD 293
= BZ
Snap-in:
160V = 2C
CD 294
= BW
4,0mm Pin Length
= T4
2 Pin
= P2
180V = 2K
CD 295
= BC
6,3mm Pin Length = T6
3 Pin
= P3
200V = 2D
CD 296
= KC
Soldering Pin
= S4
4 Pin
= P4
250V = 2E
CD 297
= BB
on request:
alternative pin types
5 Pin
= P5
315V = 2F
CD 299
= PG
350V = 2V
CD 29D
= HR
385V = 2J
CD 29H
= QH
preferred
400V = 2G
CD 29L
= QL
415V = 2P
CD 891
= ZJ
420V = 2X
CD 892
= ZL
450V = 2W
CD 895
= ZK
500V = 2H
Polymer on request
550V = 2Y
Order Code SMD, Radial, Snap-In
2.5max
L
L ≤ 7
L ≥ 11
Ø D
3
4
5
6,3
8
5
6,3
8
10 12,5 16
18
20
22
25
F
1
1,5
2,0
2,5
3,5
2,0
2,5
3,5
5,0
7,5
10,0
12,5
Ø d
0,4
0,45
0,5
0,6
0,8
1,0
a
Max
1,0
2,0
For diameter 20 pitch 7,5 on request.
in mm
Dimensions for loose, long-lead type (bulk)
Order Code: LL
Technical Specification Radial Type


유사한 부품 번호 - CD117HDH

제조업체부품명데이터시트상세설명
logo
Jianghai Europe GmbH
CD117DL JIANGHAI-CD117DL Datasheet
1Mb / 3P
   2000h at 85C
More results

유사한 설명 - CD117HDH

제조업체부품명데이터시트상세설명
logo
Jianghai Europe GmbH
CD71HNH JIANGHAI-CD71HNH Datasheet
1Mb / 4P
   2000h at 105C
CD267PM JIANGHAI-CD267PM Datasheet
1Mb / 4P
   2000h at 105C
CD26LXL JIANGHAI-CD26LXL Datasheet
1Mb / 4P
   2000h at 105C
CD29SPJ JIANGHAI-CD29SPJ Datasheet
1Mb / 4P
   2000h at 105C
CD71NP JIANGHAI-CD71NP Datasheet
1Mb / 4P
   2000h at 85C
CD117DL JIANGHAI-CD117DL Datasheet
1Mb / 3P
   2000h at 85C
CD286GK JIANGHAI-CD286GK Datasheet
1Mb / 5P
   2000h at 105
CD289PB JIANGHAI-CD289PB Datasheet
1Mb / 5P
   2000h at 105
CD264KH JIANGHAI-CD264KH Datasheet
1Mb / 4P
   3000h at 105C
CD70HQG JIANGHAI-CD70HQG Datasheet
1Mb / 4P
   1000h at 105C
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com