전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74FCT163H245CPACT 데이터시트(PDF) 7 Page - Texas Instruments

부품명 74FCT163H245CPACT
상세설명  16-Bit Transceivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74FCT163H245CPACT 데이터시트(HTML) 7 Page - Texas Instruments

Back Button 74FCT163H245CPACT Datasheet HTML 2Page - Texas Instruments 74FCT163H245CPACT Datasheet HTML 3Page - Texas Instruments 74FCT163H245CPACT Datasheet HTML 4Page - Texas Instruments 74FCT163H245CPACT Datasheet HTML 5Page - Texas Instruments 74FCT163H245CPACT Datasheet HTML 6Page - Texas Instruments 74FCT163H245CPACT Datasheet HTML 7Page - Texas Instruments 74FCT163H245CPACT Datasheet HTML 8Page - Texas Instruments 74FCT163H245CPACT Datasheet HTML 9Page - Texas Instruments 74FCT163H245CPACT Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
74FCT163H245APVCT
OBSOLETE
SSOP
DL
48
TBD
Call TI
Call TI
74FCT163H245CPACT
OBSOLETE
TSSOP
DGG
48
TBD
Call TI
Call TI
74FCT163H245CPVCT
OBSOLETE
SSOP
DL
48
TBD
Call TI
Call TI
CY74FCT163245APAC
OBSOLETE
TSSOP
DGG
48
TBD
Call TI
Call TI
CY74FCT163245APACT
OBSOLETE
TSSOP
DGG
48
TBD
Call TI
Call TI
CY74FCT163245APVC
OBSOLETE
SSOP
DL
48
TBD
Call TI
Call TI
CY74FCT163245APVCT
OBSOLETE
SSOP
DL
48
TBD
Call TI
Call TI
CY74FCT163245CPAC
OBSOLETE
TSSOP
DGG
48
TBD
Call TI
Call TI
CY74FCT163245CPACT
OBSOLETE
TSSOP
DGG
48
TBD
Call TI
Call TI
CY74FCT163245CPVC
OBSOLETE
SSOP
DL
48
TBD
Call TI
Call TI
CY74FCT163245CPVCT
OBSOLETE
SSOP
DL
48
TBD
Call TI
Call TI
CY74FCT163H245APVC
OBSOLETE
SSOP
DL
48
TBD
Call TI
Call TI
CY74FCT163H245CPAC
OBSOLETE
TSSOP
DGG
48
TBD
Call TI
Call TI
CY74FCT163H245CPVC
OBSOLETE
SSOP
DL
48
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
30-Mar-2005
Addendum-Page 1


유사한 부품 번호 - 74FCT163H245CPACT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74FCT163H245CPACT TI-74FCT163H245CPACT Datasheet
67Kb / 7P
[Old version datasheet]   16-Bit Transceivers
More results

유사한 설명 - 74FCT163H245CPACT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CY74FCT16245T TI-CY74FCT16245T_01 Datasheet
317Kb / 17P
[Old version datasheet]   16-Bit Transceivers
CY74FCT163245 TI-CY74FCT163245 Datasheet
67Kb / 7P
[Old version datasheet]   16-Bit Transceivers
CY74FCT16952T TI-CY74FCT16952T Datasheet
68Kb / 8P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI-CY74FCT163952 Datasheet
65Kb / 6P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16652T TI-CY74FCT16652T Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T_08 Datasheet
315Kb / 15P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16543T TI-CY74FCT16543T Datasheet
70Kb / 8P
[Old version datasheet]   16-Bit Latched Transceivers
CY74FCT16543T TI1-CY74FCT16543T_15 Datasheet
1,008Kb / 22P
[Old version datasheet]   16-Bit Latched Transceivers
74FCT16652CT TI-74FCT16652CT Datasheet
710Kb / 17P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com