전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAHCT1G04QDCKRQ1 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 CAHCT1G04QDCKRQ1
상세설명  SINGLE INVERTER GATE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CAHCT1G04QDCKRQ1 데이터시트(HTML) 1 Page - Texas Instruments

  CAHCT1G04QDCKRQ1 Datasheet HTML 1Page - Texas Instruments CAHCT1G04QDCKRQ1 Datasheet HTML 2Page - Texas Instruments CAHCT1G04QDCKRQ1 Datasheet HTML 3Page - Texas Instruments CAHCT1G04QDCKRQ1 Datasheet HTML 4Page - Texas Instruments CAHCT1G04QDCKRQ1 Datasheet HTML 5Page - Texas Instruments CAHCT1G04QDCKRQ1 Datasheet HTML 6Page - Texas Instruments CAHCT1G04QDCKRQ1 Datasheet HTML 7Page - Texas Instruments CAHCT1G04QDCKRQ1 Datasheet HTML 8Page - Texas Instruments CAHCT1G04QDCKRQ1 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN74AHCT1G04-Q1
SINGLE INVERTER GATE
SCLS510A − JUNE 2003 − REVISED FEBRUARY 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D ESD Protection Exceeds 1500 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D Operating Range of 4.5 V to 5.5 V
D Max t
pd of 7.5 ns at 5 V
D Low Power Consumption, 10-µA Max I
CC
D ±8-mA Output Drive at 5 V
D Inputs Are TTL-Voltage Compatible
description/ordering information
The SN74AHCT1G04 contains one gate. The device performs the Boolean function Y = A.
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 125°C
SOT (SC-70) − DCK
Reel of 3000
CAHCT1G04QDCKRQ1
BCS
For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or see the TI web site at http://www.ti.com.
Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.
FUNCTION TABLE
INPUT
A
OUTPUT
Y
H
L
L
H
logic diagram (positive logic)
AY
24
Copyright
 2008, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DCK PACKAGE
(TOP VIEW)
1
2
3
5
4
NC
A
GND
VCC
Y
NC − No internal connection


유사한 부품 번호 - CAHCT1G04QDCKRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CAHCT1G04QDCKRQ1 TI-CAHCT1G04QDCKRQ1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
More results

유사한 설명 - CAHCT1G04QDCKRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
[Old version datasheet]   Single Inverter Gate
logo
Unisonic Technologies
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
   SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04 DIODES-74LVC1G04 Datasheet
199Kb / 11P
   SINGLE INVERTER GATE
DS32198 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1GU04 TI-SN74AUC1GU04_10 Datasheet
445Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74AHC1G04 DIODES-74AHC1G04_11 Datasheet
180Kb / 8P
   SINGLE INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com