전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM3310EARU-REEL7 데이터시트(PDF) 2 Page - Analog Devices

부품명 ADM3310EARU-REEL7
상세설명  15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM3310EARU-REEL7 데이터시트(HTML) 2 Page - Analog Devices

  ADM3310EARU-REEL7 Datasheet HTML 1Page - Analog Devices ADM3310EARU-REEL7 Datasheet HTML 2Page - Analog Devices ADM3310EARU-REEL7 Datasheet HTML 3Page - Analog Devices ADM3310EARU-REEL7 Datasheet HTML 4Page - Analog Devices ADM3310EARU-REEL7 Datasheet HTML 5Page - Analog Devices ADM3310EARU-REEL7 Datasheet HTML 6Page - Analog Devices ADM3310EARU-REEL7 Datasheet HTML 7Page - Analog Devices ADM3310EARU-REEL7 Datasheet HTML 8Page - Analog Devices ADM3310EARU-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. G
–2–
ADM3307E/ADM3310E/ADM3311E/ADM3312E/ADM3315E
FUNCTIONAL BLOCK DIAGRAMS
VCC
0.1 F
CERAMIC
10 F
TANTALUM
CMOS
INPUTS1
R1OUT
R3
R1
R2
CMOS
OUTPUTS
T5IN
T5
T4IN
T4
T1IN
T1OUT
T1
T3IN
T2IN
SHUTDOWN
INPUT
ADM3307E
SD
V
C1+
C1
C2
0.1 F
V–
C3+
VCC
EN
GND
C4
0.1 F
ENABLE
INPUT
C2
C3–
C2+
VOLTAGE
TRIPLER/
INVERTER
3V TO
9V
C1
0.1 F
C3
0.1 F
R2OUT
R3OUT
NOTES
1INTERNAL 400k
PULL-UP RESISTOR ON EACH CMOS INPUT.
2INTERNAL 5k
PULL-DOWN RESISTOR ON EACH RS-232 INPUT.
EIA/TIA-232
OUTPUTS
T2OUT
T3OUT
T4OUT
T5OUT
R1OUT
C5
0.1 F
T3
T2
R2OUT
R3OUT
EIA/TIA-232
INPUTS2
VCC
0.1 F
CERAMIC
10 F
TANTALUM
CMOS
INPUTS1
R1OUT
R5
R3
R4
EIA/TIA-232
INPUTS2
CMOS
OUTPUTS
T1IN
T1OUT
T1
T3IN
T2IN
SHUTDOWN
INPUT
ADM3310E/
ADM3311E
V
C1+
C2
V–
C3+
EN
GND
C4
0.1 F
ENABLE
INPUT
C3–
C2+
VOLTAGE
TRIPLER /
INVERTER
3V TO
9V
C1
0.1 F
C3
0.1 F
R2OUT
R3OUT
EIA/TIA-232
OUTPUTS
T2OUT
T3OUT
R1IN
C5
0.1 F
T3
T2
C1–
SD
R2
R1
R2IN
R3IN
R4IN
R5IN
R4OUT
R5OUT
VCC
C2
0.1 F
NOTES
1INTERNAL 400k
PULL-UP RESISTOR ON EACH CMOS INPUT.
2INTERNAL 5k
PULL-DOWN RESISTOR ON EACH RS-232 INPUT.
VCC
0.1 F
CERAMIC
10 F
TANTALUM
CMOS
INPUTS1
R1OUT
R3
CMOS
OUTPUTS
T1IN
T1OUT
T1
T3IN
T2IN
SHUTDOWN
INPUT
ADM3312E/
ADM3315E
V
C1+
C2
V–
C3+
EN
GND
C4
0.1 F
ENABLE
INPUT
C3–
C2+
VOLTAGE
TRIPLER /
INVERTER
3V TO
9V
C1
0.1 F
C3
0.1 F
R2OUT
R3OUT
EIA/TIA-232
OUTPUTS
T2OUT
T3OUT
R1IN
C5
0.1 F
T3
T2
C1–
SD
R2
R1
R2IN
R3IN
VCC
C2
0.1 F
NOTES
1INTERNAL 400k
PULL-UP RESISTOR ON EACH CMOS INPUT.
2INTERNAL 5k
(22k
FOR ADM3315E) PULL-DOWN RESISTOR
ON EACH RS-232 INPUT.
EIA/TIA-232
INPUTS2


유사한 부품 번호 - ADM3310EARU-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3310EARU AD-ADM3310EARU Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3310EARU AD-ADM3310EARU Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
ADM3310EARUZ AD-ADM3310EARUZ Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3310EARUZ AD-ADM3310EARUZ Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
ADM3310EARUZ-REEL AD-ADM3310EARUZ-REEL Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
More results

유사한 설명 - ADM3310EARU-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3312EARUZ AD-ADM3312EARUZ Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3307E AD-ADM3307E_V01 Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
ADM3311E AD-ADM3311E Datasheet
180Kb / 12P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle?
REV. A
ADM3307E AD-ADM3307E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3310E AD-ADM3310E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3311E AD-ADM3311E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3312E AD-ADM3312E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3315E AD-ADM3315E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3075EWYRZ AD-ADM3075EWYRZ Datasheet
528Kb / 20P
   3.3 V, 15,-15 kV ESD-Protected
Rev. E
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com