전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM355SDZCEA216 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 DM355SDZCEA216
상세설명  Digital Media System-on-Chip (DMSoC)
Download  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DM355SDZCEA216 데이터시트(HTML) 7 Page - Texas Instruments

Back Button DM355SDZCEA216 Datasheet HTML 3Page - Texas Instruments DM355SDZCEA216 Datasheet HTML 4Page - Texas Instruments DM355SDZCEA216 Datasheet HTML 5Page - Texas Instruments DM355SDZCEA216 Datasheet HTML 6Page - Texas Instruments DM355SDZCEA216 Datasheet HTML 7Page - Texas Instruments DM355SDZCEA216 Datasheet HTML 8Page - Texas Instruments DM355SDZCEA216 Datasheet HTML 9Page - Texas Instruments DM355SDZCEA216 Datasheet HTML 10Page - Texas Instruments DM355SDZCEA216 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 163 page
background image
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This data sheet revision history highlights the technical changes made to the SPRS463F device-specific
data sheet to make it an SPRS463G revision.
Scope: Applicable updates to the DM35x DMSoC device family, specifically relating to the
TMS320DM355 device, have been incorporated.
Note: DM355 27J supports 198MHz max DDR.
Revision G Updates
ADDS/CHANGES/DELETES
Section 1.1
Changed Feature bullet from NAND Flash to NAND Flash (with SPI EEPROM Boot option).
Section 2.4
Table 2-9 and Table 2-11
Added "Used to drive boot status LED signal (active low) in ROM boot modes." to pin number
P16.
Deleted "Used to drive boot status LED signal (active low) in ROM boot modes." from pin
number V19.
Section 2.21.2
Updated Figure 2-5, Device Nomenclature.
Section 2.20
Updated Table 2-23, changed Reset State values.
Section 3.2.4
Changed NAND to NAND (with SPI EEPROM Boot option).
Section 3.5
Table 3-4, Table 3-10, and Table 3-13:
Updated/Changed "(/2 or /1 programmable)" to "POSTDIV" and added "(/2 or /1
programmable)" to 2nd row
Section 3.5.4
Added Section 3.5.4.1.3.
Added Section 3.5.4.2.3.
Table 3-21
Updated BTSEL Function and NAND configuration in table.
Table 3-22
Updated table:
Changed BTSEL[1:0] = 00 – Enable (NAND) to BTSEL[1:0] = 00 – Enable (NAND, SPI)
Changed SPI0 Module State from SyncRst to:
BTSEL[1:0] = 00 – Enable (NAND, SPI)
BTSEL[1:0] = 01 – SyncRst (OneNAND)
BTSEL[1:0] = 10 – Enable (MMC/SD)
BTSEL[1:0] = 11 – Enable (UART)
Section 3.12
Added Section 3.12.2, "RBL NAND Boot Process" and associated Standard and Compatibility
mode references throughout the document.
Section 3.12.1
Added ARM ROM Boot - SPI boot in NAND Mode bullet and sub-bullets.
Figure 3-6
Added SPI Flash to Diagram.
Section 4.2
Added last row to table including table note.
Section 4.3
Updated/Changed the following values in Section 4.3:
IOH MAX value from "-100 mA" to "-4000 mA"
IOZ TYP (IPU disabled) value from "±10 µA" to "±20 µA"
IOZ TYP (IPU enabled) added value of ±100 µA"
Added "Test Conditions" for IOH and IOL parameters
Table 5-5
Changed parameter 4 on table and added table note.
Table 5-6
Changed parameter 4 on table and added table note.
Table 5-45
Changed parameter 4 on table and added table note.
Section 5.7.1.3
Added table note to Table 5-14.
Copyright © 2007–2010, Texas Instruments Incorporated
Contents
7
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355


유사한 부품 번호 - DM355SDZCEA216

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DM355SZCE135 TI-DM355SZCE135 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
DM355SZCE216 TI-DM355SZCE216 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
DM355SZCE270 TI-DM355SZCE270 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
DM355SZCEA135 TI-DM355SZCEA135 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
DM355SZCEA216 TI-DM355SZCEA216 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results

유사한 설명 - DM355SDZCEA216

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMS320DM355 TI-TMS320DM355_09 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_07 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI1-TMS320DM335_15 Datasheet
1Mb / 160P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
SM320DM355-EP TI-SM320DM355-EP Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip(DMSoC)
TMS320DM369ZCED TI-TMS320DM369ZCED Datasheet
98Kb / 8P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368ZCEDF TI1-TMS320DM368ZCEDF Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM365 TI1-TMS320DM365_17 Datasheet
1Mb / 210P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368 TI1-TMS320DM368_17 Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335 Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_08 Datasheet
1Mb / 154P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335_09 Datasheet
1Mb / 155P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com