전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM3311EACP 데이터시트(PDF) 9 Page - Analog Devices

부품명 ADM3311EACP
상세설명  15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM3311EACP 데이터시트(HTML) 9 Page - Analog Devices

Back Button ADM3311EACP Datasheet HTML 5Page - Analog Devices ADM3311EACP Datasheet HTML 6Page - Analog Devices ADM3311EACP Datasheet HTML 7Page - Analog Devices ADM3311EACP Datasheet HTML 8Page - Analog Devices ADM3311EACP Datasheet HTML 9Page - Analog Devices ADM3311EACP Datasheet HTML 10Page - Analog Devices ADM3311EACP Datasheet HTML 11Page - Analog Devices ADM3311EACP Datasheet HTML 12Page - Analog Devices ADM3311EACP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. G
ADM3307E/ADM3310E/ADM3311E/ADM3312E/ADM3315E
–9–
25
20
15
10
5
0
0
200
400
600
800
1000
1200
LOAD CAPACITANCE – pF
TCP 7. Supply Current vs. Load Capacitance (RL = Infinite)
(VCC = 3.3 V, Data Rate = 460 kbps)
LOAD CAPACITANCE – pF
0
600
200
400
10
12
800
1000
14
16
18
20
22
24
26
28
30
460kbps
250kbps
125kbps
TPC 8. Supply Current vs. Load Capacitance
(VCC = 3.3 V, RL = 5 k
W)
SD
TX O/P
HIGH
TPC 9. Transmitter Output (High) Exiting Shutdown
SD
TX O/P LOW
TPC 10. Transmitter Output (Low) Exiting Shutdown
10
8
6
4
2
0
–2
–4
–6
–8
–10
0
200
400
600
800
1000
LOAD CAPACITANCE – pF
TPC 11. Transmitter Output Voltage High/Low vs. Load
Capacitance (VCC = 3.3 V, CLK = 1 Mb/s, RL = 5 k
W, ADM3307E)
300
250
200
150
100
50
0
0
5
10
15
20
LOAD CURRENT – mA
TPC 12. Oscillator Frequency vs. Load Current


유사한 부품 번호 - ADM3311EACP

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3311EACPZ AD-ADM3311EACPZ Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3311EACPZ AD-ADM3311EACPZ Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
ADM3311EACPZ-REEL AD-ADM3311EACPZ-REEL Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3311EACPZ-REEL7 AD-ADM3311EACPZ-REEL7 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3311EACPZ-REEL7 AD-ADM3311EACPZ-REEL7 Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
More results

유사한 설명 - ADM3311EACP

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3312EARUZ AD-ADM3312EARUZ Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3307E AD-ADM3307E_V01 Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
ADM3311E AD-ADM3311E Datasheet
180Kb / 12P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle?
REV. A
ADM3307E AD-ADM3307E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3310E AD-ADM3310E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3311E AD-ADM3311E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3312E AD-ADM3312E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3315E AD-ADM3315E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3075EWYRZ AD-ADM3075EWYRZ Datasheet
528Kb / 20P
   3.3 V, 15,-15 kV ESD-Protected
Rev. E
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com