전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LF147J 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 LF147J
상세설명  Wide Bandwidth Quad JFET Input Operational Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LF147J 데이터시트(HTML) 2 Page - Texas Instruments

  LF147J Datasheet HTML 1Page - Texas Instruments LF147J Datasheet HTML 2Page - Texas Instruments LF147J Datasheet HTML 3Page - Texas Instruments LF147J Datasheet HTML 4Page - Texas Instruments LF147J Datasheet HTML 5Page - Texas Instruments LF147J Datasheet HTML 6Page - Texas Instruments LF147J Datasheet HTML 7Page - Texas Instruments LF147J Datasheet HTML 8Page - Texas Instruments LF147J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LF147, LF347-N
SNOSBH1D – MAY 1999 – REVISED MARCH 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Absolute Maximum Ratings
(1) (2)
LF147
LF347B/LF347
Supply Voltage
±22V
±18V
Differential Input Voltage
±38V
±30V
Input Voltage Range
(3)
±19V
±15V
Output Short Circuit Duration (4)
Continuous
Continuous
Power Dissipation
(5) (6)
900 mW
1000 mW
Tj max
150°C
150°C
θjA
CDIP (J) Package
70°C/W
PDIP (NFF) Package
75°C/W
SOIC Narrow (D)
100°C/W
SOIC Wide (D)
85°C/W
Operating Temperature Range
See (7)
See (7)
Storage Temperature Range
−65°C≤TA≤150°C
Lead Temperature (Soldering, 10 sec.)
260°C
260°C
Soldering Information
PDIP / CDIP
Soldering (10 seconds)
260°C
SOIC Package
Vapor Phase (60 seconds)
215°C
Infrared (15 seconds)
220°C
ESD Tolerance (8)
900V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
Unless otherwise specified the absolute maximum negative input voltage is equal to the negative power supply voltage.
(4)
Any of the amplifier outputs can be shorted to ground indefinitely, however, more than one should not be simultaneously shorted as the
maximum junction temperature will be exceeded.
(5)
For operating at elevated temperature, these devices must be derated based on a thermal resistance of
θjA.
(6)
Max. Power Dissipation is defined by the package characteristics. Operating the part near the Max. Power Dissipation may cause the
part to operate outside ensured limits.
(7)
The LF147 is available in the military temperature range
−55°C≤TA≤125°C, while the LF347B and the LF347 are available in the
commercial temperature range 0°C
≤TA≤70°C. Junction temperature can rise to Tj max = 150°C.
(8)
Human body model, 1.5 k
Ω in series with 100 pF.
DC Electrical Characteristics
(1) (2)
Symbol
Parameter
Conditions
LF147
LF347B
LF347
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOS
Input Offset Voltage
RS=10 kΩ, TA=25°C
1
5
3
5
5
10
mV
Over Temperature
8
7
13
mV
ΔVOS/Δ Average TC of Input
RS=10 kΩ
10
10
10
μV/°C
T
Offset Voltage
IOS
Input Offset Current
Tj=25°C,
(2) (3)
25
100
25
100
25
100
pA
Over Temperature
25
4
4
nA
IB
Input Bias Current
Tj=25°C,
(2) (3)
50
200
50
200
50
200
pA
Over Temperature
50
8
8
nA
RIN
Input Resistance
Tj=25°C
1012
1012
1012
Ω
(1)
Refer to RETS147X for LF147D and LF147J military specifications.
(2)
Unless otherwise specified the specifications apply over the full temperature range and for VS=±20V for the LF147 and for VS=±15V for
the LF347B/LF347. VOS, IB, and IOS are measured at VCM=0.
(3)
The input bias currents are junction leakage currents which approximately double for every 10°C increase in the junction temperature,
Tj. Due to limited production test time, the input bias currents measured are correlated to junction temperature. In normal operation the
junction temperature rises above the ambient temperature as a result of internal power dissipation, PD. Tj=TAjA PD where θjA is the
thermal resistance from junction to ambient. Use of a heat sink is recommended if input bias current is to be kept to a minimum.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LF147 LF347-N


유사한 부품 번호 - LF147J

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LF147J NSC-LF147J Datasheet
406Kb / 13P
   Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147J NSC-LF147J Datasheet
77Kb / 9P
   WIDE BANDWIDTH QUAD JFER INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LF147J TI1-LF147J Datasheet
1Mb / 21P
[Old version datasheet]   LF147/LF347 Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147J-SMD TI1-LF147J-SMD Datasheet
839Kb / 18P
[Old version datasheet]   LF147QML Wide Bandwidth Quad JFET Input Operational Amplifier
logo
National Semiconductor ...
LF147J/883 NSC-LF147J/883 Datasheet
406Kb / 13P
   Wide Bandwidth Quad JFET Input Operational Amplifiers
More results

유사한 설명 - LF147J

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LF147 TI1-LF147 Datasheet
1Mb / 21P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
National Semiconductor ...
LF147 NSC-LF147 Datasheet
406Kb / 13P
   Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
Texas Instruments
LF347MX TI1-LF347MX Datasheet
1Mb / 21P
[Old version datasheet]   LF147/LF347 Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifier
logo
National Semiconductor ...
MJLF147-X NSC-MJLF147-X Datasheet
75Kb / 11P
   WIDE BANDWIDTH QUAD JFET INPUT OPERATIONAL AMPLIFIER
LF453 NSC-LF453 Datasheet
219Kb / 8P
   LF453 Wide-Bandwidth Dual JFET-Input Operational Amplifiers
logo
Texas Instruments
LF147QML TI1-LF147QML Datasheet
839Kb / 18P
[Old version datasheet]   LF147QML Wide Bandwidth Quad JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_V01 Datasheet
1Mb / 20P
[Old version datasheet]   LF147JAN Wide Bandwidth Quad JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN Datasheet
837Kb / 18P
[Old version datasheet]   LF147JAN Wide Bandwidth Quad JFET Input Operational Amplifier
logo
STMicroelectronics
LF253DT STMICROELECTRONICS-LF253DT Datasheet
909Kb / 15P
   Wide bandwidth dual JFET operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com