전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM20BIM7X 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 LM20BIM7X
상세설명  DSBGA Temperature Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM20BIM7X 데이터시트(HTML) 8 Page - Texas Instruments

Back Button LM20BIM7X Datasheet HTML 4Page - Texas Instruments LM20BIM7X Datasheet HTML 5Page - Texas Instruments LM20BIM7X Datasheet HTML 6Page - Texas Instruments LM20BIM7X Datasheet HTML 7Page - Texas Instruments LM20BIM7X Datasheet HTML 8Page - Texas Instruments LM20BIM7X Datasheet HTML 9Page - Texas Instruments LM20BIM7X Datasheet HTML 10Page - Texas Instruments LM20BIM7X Datasheet HTML 11Page - Texas Instruments LM20BIM7X Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Thermal Diodes
VO
V
+
GND
LM20
SNIS106Q – DECEMBER 1999 – REVISED JANUARY 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LM20 device is a precision analog output CMOS integrated-circuit temperature sensor that operates over a
temperature range of
−55°C to 130°C. The power supply operating range is 2.4 V to 5.5 V. The transfer function
of LM20 is predominately linear, yet has a slight predictable parabolic curvature. The accuracy of the LM20 when
specified to a parabolic transfer function is typically ±1.5°C at an ambient temperature of 30°C. The temperature
error increases linearly and reaches a maximum of ±2.5°C at the temperature range extremes for the LM20. The
temperature range is affected by the power supply voltage. At a power supply voltage of 2.7 V to 5.5 V, the
temperature range extremes are 130°C and
−55°C. Decreasing the power supply voltage to 2.4 V changes the
negative extreme to
−30°C, while the positive remains at 130°C.
The LM20 quiescent current is less than 10
μA. Therefore, self-heating is less than 0.02°C in still air. Shutdown
capability for the LM20 is intrinsic because its inherent low power consumption allows it to be powered directly
from the output of many logic gates or, does not necessitate shutdown at all.
The temperature sensing element is comprised of a simple base emitter junction that is forward biased by a
current source. The temperature sensing element is then buffered by an amplifier and provided to the OUT pin.
The amplifier has a simple class A output stage thus providing a low impedance output that can source 16 µA
and sink 1 µA.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 LM20 Transfer Function
The LM20 transfer function can be described in different ways with varying levels of precision. A simple linear
transfer function with good accuracy near 25°C is:
VO = −11.69 mV/°C × T + 1.8663 V
(1)
Over the full operating temperature range of
−55°C to 130°C, best accuracy can be obtained by using the
parabolic transfer function.
VO = (−3.88×10
−6×T2) + (−1.15×10−2×T) + 1.8639
(2)
Using Equation 2, the following temperature to voltage output characteristic table can be generated.
Table 1. Temperature to Voltage Output Characteristic Table
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
(°C)
(V)
(°C)
(V)
(°C)
(V)
(°C)
(V)
(°C)
(V)
(°C)
(V)
(°C)
(V)
-55
2.4847
-28
2.1829
-1
1.8754
26
1.5623
53
1.2435
80
0.9191
107
0.5890
-54
2.4736
-27
2.1716
0
1.8639
27
1.5506
54
1.2316
81
0.9069
108
0.5766
-53
2.4625
-26
2.1603
1
1.8524
28
1.5389
55
1.2197
82
0.8948
109
0.5643
-52
2.4514
-25
2.1490
2
1.8409
29
1.5271
56
1.2077
83
0.8827
110
0.5520
-51
2.4403
-24
2.1377
3
1.8294
30
1.5154
57
1.1958
84
0.8705
111
0.5396
-50
2.4292
-23
2.1263
4
1.8178
31
1.5037
58
1.1838
85
0.8584
112
0.5272
8
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM20


유사한 부품 번호 - LM20BIM7X

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM20BIM7X NSC-LM20BIM7X Datasheet
218Kb / 9P
   LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM20BIM7X NSC-LM20BIM7X Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LM20BIM7X TI1-LM20BIM7X Datasheet
1Mb / 18P
[Old version datasheet]   LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
logo
National Semiconductor ...
LM20BIM7XEP NSC-LM20BIM7XEP Datasheet
250Kb / 9P
   Enhanced Plastic 2.4V, 10uA, SC70, micro SMD Temperature Sensor
More results

유사한 설명 - LM20BIM7X

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMT88 TI-LMT88 Datasheet
899Kb / 13P
[Old version datasheet]   LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
LLSD103A-7 TI1-LLSD103A-7 Datasheet
1Mb / 18P
[Old version datasheet]   LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
LM20 TI-LM20_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM20 2.4-V, 10-關A, SC70, DSBGA Temperature Sensor
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
[Old version datasheet]   Temperature Sensor
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
   Temperature sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
   Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
[Old version datasheet]   TEMPERATURE SENSOR
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
   TEMPERATURE SENSOR
logo
Analog Devices
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
   Temperature Sensor
logo
Thinking Electronic Ind...
PTLS2101RP416 THINKING-PTLS2101RP416 Datasheet
420Kb / 7P
   Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com