전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADR03AUJ-REEL7 데이터시트(PDF) 9 Page - Analog Devices

부품명 ADR03AUJ-REEL7
상세설명  Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADR03AUJ-REEL7 데이터시트(HTML) 9 Page - Analog Devices

Back Button ADR03AUJ-REEL7 Datasheet HTML 5Page - Analog Devices ADR03AUJ-REEL7 Datasheet HTML 6Page - Analog Devices ADR03AUJ-REEL7 Datasheet HTML 7Page - Analog Devices ADR03AUJ-REEL7 Datasheet HTML 8Page - Analog Devices ADR03AUJ-REEL7 Datasheet HTML 9Page - Analog Devices ADR03AUJ-REEL7 Datasheet HTML 10Page - Analog Devices ADR03AUJ-REEL7 Datasheet HTML 11Page - Analog Devices ADR03AUJ-REEL7 Datasheet HTML 12Page - Analog Devices ADR03AUJ-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADR01/ADR02/ADR03/ADR06
Rev. F | Page 9 of 20
PARAMETER DEFINITIONS
Temperature Coefficient
The change of output voltage with respect to operating tem-
perature changes normalized by the output voltage at 25°C. This
parameter is expressed in ppm/°C and can be determined by the
following equation:
6
10
)
25
(
)
(
)
(
]
/
[
×
×
°
=
°
1
2
O
1
O
2
O
O
T
T
C
V
T
V
T
V
C
ppm
TCV
where:
VO(25°C) = VO at 25°C
VO(T1) = VO at Temperature 1
VO(T2) = VO at Temperature 2
Line Regulation
The change in output voltage due to a specified change in input
voltage. This parameter accounts for the effects of self-heating.
Line regulation is expressed in either percent per volt, parts-
per-million per volt, or microvolts per volt change in input
voltage.
Load Regulation
The change in output voltage due to a specified change in load
current. This parameter accounts for the effects of self-heating.
Load regulation is expressed in either microvolts per milliampere,
parts-per-million per milliampere, or ohms of dc output
resistance.
Long-Term Stability
Typical shift of output voltage at 25°C on a sample of parts
subjected to a test of 1,000 hours at 25°C:
)
(
)
(
1
O
0
O
O
t
V
t
V
V
=
6
10
)
(
)
(
)
(
]
[
×
=
0
O
1
O
0
O
O
t
V
t
V
t
V
ppm
V
where:
VO(t0) = VO at 25°C at Time 0
VO(t1) = VO at 25°C after 100 hours of operation at 25°C
The majority of the shift is seen in the first 200 hours, and,
as time goes by, the drift decreases significantly. So for the
subsequent 1,000 hours’ time points, this drift is much smaller
than the first.
Thermal Hysteresis
Defined as the change of output voltage after the device is
cycled through temperature from +25°C to –40°C to +125°C
and back to +25°C. This is a typical value from a sample of parts
put through such a cycle.
TC
O
O
HYS
O
V
C
V
V
_
_
)
25
(
°
=
6
_
_
10
)
25
(
)
25
(
]
[
×
°
°
=
C
V
V
C
V
ppm
V
O
TC
O
O
HYS
O
where:
VO(25°C) = VO at 25°C
VO_TC = VO at 25°C after temperature cycle at +25°C to –40°C to
+125°C and back to +25°C
NOTES
Input Capacitor
Input capacitors are not required on the ADR01/ADR02/
ADR03/ADR06. There is no limit for the value of the capacitor
used on the input, but a 1 µF to 10 µF capacitor on the input
improves transient response in applications where the supply
suddenly changes. An additional 0.1 µF in parallel also helps to
reduce noise from the supply.
Output Capacitor
The ADR01/ADR02/ADR03/ADR06 do not require output
capacitors for stability under any load condition. An output
capacitor, typically 0.1 µF, filters out any low level noise voltage
and does not affect the operation of the part. On the other hand,
the load transient response can be improved with an additional
1 µF to 10 µF output capacitor in parallel. A capacitor here acts
as a source of stored energy for a sudden increase in load
current. The only parameter that degrades by adding an output
capacitor is the turn-on time, and it depends on the size of the
capacitor chosen.


유사한 부품 번호 - ADR03AUJ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADR03AUJZ-REEL7 AD-ADR03AUJZ-REEL7 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03AUJZ-REEL7 AD-ADR03AUJZ-REEL7 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
More results

유사한 설명 - ADR03AUJ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADR03ARZ AD-ADR03ARZ Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR06 AD-ADR06_15 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR02 AD-ADR02_15 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR01 AD-ADR01_15 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR01 AD-ADR01_12 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03 AD-ADR03_15 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03BKS-R2 AD-ADR03BKS-R2 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03BKSZ-REEL7 AD-ADR03BKSZ-REEL7 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03BKS-R2 AD-ADR03BKS-R2 Datasheet
523Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage Reerences
Rev. R
5962-8958101PA AD-5962-8958101PA Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com