전자부품 데이터시트 검색엔진 |
|
LM117QML-SP 데이터시트(PDF) 4 Page - Texas Instruments |
|
|
LM117QML-SP 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 37 page LM117QML, LM117QML-SP SNVS356D – MARCH 2006 – REVISED APRIL 2013 www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. Absolute Maximum Ratings (1) Power Dissipation(2) Internally Limited Input-Output Voltage Differential +40V, −0.3V Storage Temperature −65°C ≤ TA ≤ +150°C Maximum Junction Temperature (TJmax +150°C Lead Temperature Metal Package 300°C Thermal Resistance θJA T0 Still Air 39°C/W T0 500LF/Min Air flow 14°C/W PFM Still Air 186°C/W PFM 500LF/Min Air flow 64°C/W CFP "WG" (device 03, 05) Still Air 115°C/W CFP "WG" (device 03, 05) 500LF/Min Air flow 66°C/W CFP "GW" (device 06, 07) Still Air 130°C/W CFP "GW" (device 06, 07) 500LF/Min Air flow 80°C/W LCCC Still Air 88°C/W LCCC 500LF/Min Air flow 62°C/W θJC T0 1.9°C/W PFM Metal Can 21°C/W CFP "WG" (device 03, 05)(3) 3.4°C/W CFP "GW" (device 06, 07) 7°C/W LCCC 12°C/W Package Weight PFM Metal Can 960mg CFP "WG" (device 03, 05) 365mg CFP "GW" (device 06, 07) 410mg ESD Tolerance (4) 3KV (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions. (2) The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature), θJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any temperature is PDmax = (TJmax - TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. "Although power dissipation is internally limited, these specifications are applicable for power dissipations of 2W for the PFM, LCCC, and CFP packages, and 20W for the TO package." (3) The package material for these devices allows much improved heat transfer over our standard ceramic packages. In order to take full advantage of this improved heat transfer, heat sinking must be provided between the package base (directly beneath the die), and either metal traces on, or thermal vias through, the printed circuit board. Without this additional heat sinking, device power dissipation must be calculated using θJA, rather than θJC, thermal resistance. It must not be assumed that the device leads will provide substantial heat transfer out the package, since the thermal resistance of the leadframe material is very poor, relative to the material of the package base. The stated θJC thermal resistance is for the package material only, and does not account for the additional thermal resistance between the package base and the printed circuit board. The user must determine the value of the additional thermal resistance and must combine this with the stated value for the package, to calculate the total allowed power dissipation for the device. (4) Human body model, 100 pF discharged through a 1.5 k Ω resistor. Recommended Operating Conditions Operating Temperature Range −55°C ≤ TA ≤ +125°C Input Voltage Range 4.25V to 41.25V 4 Submit Documentation Feedback Copyright © 2006–2013, Texas Instruments Incorporated Product Folder Links: LM117QML LM117QML-SP |
유사한 부품 번호 - LM117QML-SP |
|
유사한 설명 - LM117QML-SP |