전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ABT843DBRG4 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74ABT843DBRG4
상세설명  9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT843DBRG4 데이터시트(HTML) 5 Page - Texas Instruments

  SN74ABT843DBRG4 Datasheet HTML 1Page - Texas Instruments SN74ABT843DBRG4 Datasheet HTML 2Page - Texas Instruments SN74ABT843DBRG4 Datasheet HTML 3Page - Texas Instruments SN74ABT843DBRG4 Datasheet HTML 4Page - Texas Instruments SN74ABT843DBRG4 Datasheet HTML 5Page - Texas Instruments SN74ABT843DBRG4 Datasheet HTML 6Page - Texas Instruments SN74ABT843DBRG4 Datasheet HTML 7Page - Texas Instruments SN74ABT843DBRG4 Datasheet HTML 8Page - Texas Instruments SN74ABT843DBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SN54ABT843, SN74ABT843
9-BIT BUS-INTERFACE D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCBS197D – FEBRUARY 1991 – REVISED MAY 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figures 1 and 2)
VCC = 5 V,
TA = 25°C
SN54ABT843
SN74ABT843
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
CLR low
5.5
5.5
5.5
tw
Pulse duration
PRE low
4.5
4.5
4.5
ns
LE low
3.3
3.3
3.4
Data before LE
Low
2.5
2.5
2.5
t
Setup time
Data before LE
High
3
3
3
ns
tsu
Setup time
PRE inactive
1.6
1.6
1.6
ns
CLR inactive
2
2
2
th
Hold time data after LE
High
1
1
1
ns
th
Hold time, data after LE
Low
1.5†
2.3†
1.5†
ns
† This data sheet limit may vary among suppliers.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figures 1 and 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT843
SN74ABT843
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
D
Q
1.2†
3.8
5.2
1.2†
7.8
1.2†
6.7†
ns
tPHL
D
Q
1.5†
3.4
6.3
1.5†
7.3
1.5†
7.2
ns
tPLH
LE
Q
1.7†
4.4
5.6
1.7†
8.3
1.7†
7.2†
ns
tPHL
LE
Q
1.9†
4.1
6.3
1.3†
7.2
1.9†
6.9
ns
tPLH
PRE
Q
2.2
5
6.2
2.2
8.3
2.2
7.4
ns
tPHL
PRE
Q
2.1†
4.1
6.5
2.1†
7.5
2.1†
7.2
ns
tPLH
CLR
Q
2†
4.4
6.3
2†
7.6
2†
7.1
ns
tPHL
CLR
Q
1.9†
4.5
6.8
1.9†
8.1
1.9†
8
ns
tPZH
OE
Q
1
3.4
4.5†
1
6.4
1
5.7†
ns
tPZL
OE
Q
2
4.3
5.7†
2
6.6
2
6.5
ns
tPHZ
OE
Q
2.4†
4.9
6.2
2.4†
7.3
2.4†
6.8
ns
tPLZ
OE
Q
1.5†
4.2
6.3
1.5†
7
1.5†
5.9†
ns
† This data sheet limit may vary among suppliers.


유사한 부품 번호 - SN74ABT843DBRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ABT843DBR TI-SN74ABT843DBR Datasheet
120Kb / 17P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ABT843DBRE4 TI-SN74ABT843DBRE4 Datasheet
120Kb / 17P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74ABT843DBRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALS29843 TI1-SN74ALS29843 Datasheet
70Kb / 9P
[Old version datasheet]   9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS1843 TI1-SN74AS1843 Datasheet
59Kb / 5P
[Old version datasheet]   9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT843 TI-SN54ABT843 Datasheet
120Kb / 17P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS844 TI-SN74AS844 Datasheet
354Kb / 7P
[Old version datasheet]   9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
54ACT16841 TI-54ACT16841 Datasheet
113Kb / 6P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74ALS841 TI1-SN74ALS841_15 Datasheet
265Kb / 13P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
54ACT16841 TI-54ACT16841_08 Datasheet
308Kb / 9P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16843 TI-SN54ABT16843_08 Datasheet
317Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16841 TI-SN54ABT16841_08 Datasheet
347Kb / 12P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS841 TI-SN54ALS841 Datasheet
141Kb / 11P
[Old version datasheet]   10-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com