전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM258A-EP 데이터시트(PDF) 1 Page - Texas Instruments

부품명 LM258A-EP
상세설명  DUAL OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM258A-EP 데이터시트(HTML) 1 Page - Texas Instruments

  LM258A-EP_14 Datasheet HTML 1Page - Texas Instruments LM258A-EP_14 Datasheet HTML 2Page - Texas Instruments LM258A-EP_14 Datasheet HTML 3Page - Texas Instruments LM258A-EP_14 Datasheet HTML 4Page - Texas Instruments LM258A-EP_14 Datasheet HTML 5Page - Texas Instruments LM258A-EP_14 Datasheet HTML 6Page - Texas Instruments LM258A-EP_14 Datasheet HTML 7Page - Texas Instruments LM258A-EP_14 Datasheet HTML 8Page - Texas Instruments LM258A-EP_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.ti.com
FEATURES
1
2
3
4
8
7
6
5
1OUT
1IN–
1IN+
GND
V
CC
2OUT
2IN–
2IN+
DPACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
LM258A-EP
DUAL OPERATIONAL AMPLIFIERS
SLOS506 – OCTOBER 2006
Controlled Baseline
Low Input Bias and Offset Parameters:
– One Assembly/One Test Site, One
– Input Offset Voltage . . . 2 mV Typ
Fabrication Site
– Input Offset Current . . . 2 nA Typ
Extended Temperature Performance of –55
°C
– Input Bias Current . . . 15 nA Typ
to 125
°C
Differential Input Voltage Range Equal to
Enhanced Diminishing Manufacturing
Maximum-Rated Supply Voltage . . . 32 V
Sources (DMS) Support
Open-Loop Differential Voltage Amplification
Enhanced Product-Change Notification
. . . 100 V/mV Typ
Qualification Pedigree (1)
Internal Frequency Compensation
Wide Supply Range:
– Single Supply . . . 3 V to 30 V
– Dual Supplies . . .
±1.5 V to ±15 V
Low Supply-Current Drain, Independent of
Supply Voltage . . . 0.7 mA Typ
Common-Mode Input Voltage Range Includes
Ground, Allowing Direct Sensing Near
Ground
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
The LM258A consists of two independent, high-gain, frequency-compensated operational amplifiers designed to
operate from a single supply over a wide range of voltages. Operation from split supplies also is possible if the
difference between the two supplies is 3 V to 30 V, and VCC is at least 1.5 V more positive than the input
common-mode voltage. The low supply-current drain is independent of the magnitude of the supply voltage.
Applications include transducer amplifiers, dc amplification blocks, and all the conventional operational amplifier
circuits that now can be implemented more easily in single-supply-voltage systems. For example, this device can
be operated directly from the standard 5-V supply used in digital systems and easily can provide the required
interface electronics without additional
±5-V supplies.
ORDERING INFORMATION
MAX
VIOmax
ORDERABLE
TA
TESTED
PACKAGE(1)
TOP-SIDE MARKING
AT 25
°C
PART NUMBER
VCC
–55
°C to 125°C
3mV
30V
SOIC – D
Reel of 2500
LM258AMDREP
258AM
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - LM258A-EP_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM258A-EP TI1-LM258A-EP Datasheet
519Kb / 11P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM258A-EP TI1-LM258A-EP Datasheet
1Mb / 47P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
LM258A-EP TI1-LM258A-EP Datasheet
2Mb / 48P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
LM258A-EP TI1-LM258A-EP Datasheet
3Mb / 56P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
LM258A-EP TI1-LM258A-EP Datasheet
3Mb / 56P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
More results

유사한 설명 - LM258A-EP_14

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
   Dual Operational Amplifiers
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
   DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
   DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
   Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
   Dual Operational Amplifiers
logo
uPI Group Inc.
US5501 UPI-US5501 Datasheet
154Kb / 10P
   Dual Operational Amplifiers
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
   Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com