전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2593HVS-ADJ 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2593HVS-ADJ
상세설명  SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2593HVS-ADJ 데이터시트(HTML) 1 Page - Texas Instruments

  LM2593HVS-ADJ Datasheet HTML 1Page - Texas Instruments LM2593HVS-ADJ Datasheet HTML 2Page - Texas Instruments LM2593HVS-ADJ Datasheet HTML 3Page - Texas Instruments LM2593HVS-ADJ Datasheet HTML 4Page - Texas Instruments LM2593HVS-ADJ Datasheet HTML 5Page - Texas Instruments LM2593HVS-ADJ Datasheet HTML 6Page - Texas Instruments LM2593HVS-ADJ Datasheet HTML 7Page - Texas Instruments LM2593HVS-ADJ Datasheet HTML 8Page - Texas Instruments LM2593HVS-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM2593HV
SNVS082E – DECEMBER 2001 – REVISED MAY 2016
LM2593HV SIMPLE SWITCHER® Power Converter 150-kHz, 2-A Step-Down Voltage
Regulator
1
1 Features
1
3.3-V, 5-V, and Adjustable Output Versions
Adjustable Version Output Voltage Range: 1.2 V
to 57 V ±4% Maximum Over Line and Load
Conditions
Ensured 2-A Output Load Current
Available in 7-Pin TO-220 and TO-263 (Surface-
Mount) Package
Input Voltage Range up to 60 V
150-kHz Fixed Frequency Internal Oscillator
Shutdown and Soft-Start
Out-of-Regulation Error Flag
Error Flag Delay
Low Power Standby Mode: IQ, Typically 90 μA
High Efficiency
Thermal Shutdown and Current-Limit Protection
2 Applications
Simple High-Efficiency Step-Down (Buck)
Regulators
Efficient Preregulator for Linear Regulators
On-Card Switching Regulators
Positive-to-Negative Converters
3 Description
The LM2593HV series of regulators are monolithic
integrated circuits that provide all the active functions
for a step-down (buck) switching regulator, capable of
driving a 2-A load with excellent line and load
regulation. These devices are available in fixed output
voltages of 3.3-V, 5-V, and an adjustable output
version.
This series of switching regulators is similar to the
LM2592HV
with
additional
supervisory
and
performance features.
Requiring
a
minimum
number
of
external
components, these regulators are simple to use and
include internal frequency compensation, improved
line and load specifications, fixed-frequency oscillator,
Shutdown/Soft-start, output error flag, and flag delay.
The LM2593HV operates at a switching frequency of
150
kHz,
thus
allowing
smaller
sized
filter
components than what would be needed with lower
frequency
switching
regulators.
Available
in
a
standard 7-pin TO-220 package with several different
lead bend options, and a 7-pin TO-263 surface-mount
package.
Other features include a specified ±4% tolerance on
output voltage under all conditions of input voltage
and output load conditions, and ±15% on the
oscillator frequency. External shutdown is included,
featuring
typically
90-
μA
standby
current.
Self-
protection features include a two stage current limit
for
the
output
switch
and
an
overtemperature
shutdown
for
complete
protection
under
fault
conditions.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM2593HV
TO-263 (7)
10.10 mm × 8.89 mm
TO-220 (7)
14.99 mm × 10.16 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application (Fixed Output Voltage Versions)


유사한 부품 번호 - LM2593HVS-ADJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2593HVS-ADJ NSC-LM2593HVS-ADJ Datasheet
753Kb / 21P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
More results

유사한 설명 - LM2593HVS-ADJ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2592HV TI1-LM2592HV Datasheet
2Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 2-A Step-Down Voltage Regulator
LM2595 TI1-LM2595_17 Datasheet
4Mb / 43P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
LM2594 TI1-LM2594_16 Datasheet
2Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 0.5-A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com