전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2594 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2594
상세설명  SIMPLE SWITCHER Power Converter 150-kHz 0.5-A Step-Down Voltage Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2594 데이터시트(HTML) 3 Page - Texas Instruments

  LM2594 Datasheet HTML 1Page - Texas Instruments LM2594 Datasheet HTML 2Page - Texas Instruments LM2594 Datasheet HTML 3Page - Texas Instruments LM2594 Datasheet HTML 4Page - Texas Instruments LM2594 Datasheet HTML 5Page - Texas Instruments LM2594 Datasheet HTML 6Page - Texas Instruments LM2594 Datasheet HTML 7Page - Texas Instruments LM2594 Datasheet HTML 8Page - Texas Instruments LM2594 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
Not to scale
1
NC
8
Output
2
NC
7
+VIN
3
NC
6
Ground
4
Feedback
5
ON/OFF
3
LM2594, LM2594HV
www.ti.com
SNVS118D – DECEMBER 1999 – REVISED MAY 2016
Product Folder Links: LM2594 LM2594HV
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
(1)
I = INPUT, O = OUTPUT
5 Description (continued)
A standard series of inductors (both through-hole and surface-mount types) are available from several different
manufacturers optimized for use with the LM2594xx series. This feature greatly simplifies the design of switch-
mode power supplies.
Other features include an ensured ±4% tolerance on output voltage under all conditions of input voltage and
output load conditions, and ±15% on the oscillator frequency. External shutdown is included, featuring typically
85-μA standby current. Self-protection features include a two stage frequency reducing current limit for the output
switch and an overtemperature shutdown for complete protection under fault conditions.
The LM2594HV is for applications requiring an input voltage up to 60 V.
6 Pin Configuration and Functions
D or P Package
8-Pin SOIC or PDIP
Top View
*No internal connection, but must be soldered to PCB for best heat transfer.
‡Patent Number 5,382,918.
Pin Functions(1)
PIN
I/O
DESCRIPTION
NO.
NAME
1, 2, 3
NC
No connection
4
Feedback
I
Senses the regulated output voltage to complete the feedback loop.
5
ON/OFF
I
Allows the switching regulator circuit to be shut down using logic level signals, thus dropping
the total input supply current to approximately 80 μA. Pulling this pin below a threshold
voltage of approximately 1.3 V turns the regulator on, and pulling this pin above 1.3 V (up to
a maximum of 25 V) shuts the regulator down. If this shutdown feature is not needed, the
ON/OFF pin can be wired to the ground pin or it can be left open, in either case the regulator
is in the ON condition.
6
Ground
Circuit ground.
7
+VIN
I
This is the positive input supply for the IC switching regulator. A suitable input bypass
capacitor must be present at this pin to minimize voltage transients and to supply the
switching currents needed by the regulator.
8
Output
O
Internal switch. The voltage at this pin switches between (+VIN − VSAT) and approximately
−0.5 V, with a duty cycle of VOUT/VIN. To minimize coupling to sensitive circuitry, the PCB
copper area connected to this pin must be kept to a minimum.


유사한 부품 번호 - LM2594

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2594 ONSEMI-LM2594 Datasheet
560Kb / 25P
   0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
logo
Texas Instruments
LM2594 TI1-LM2594 Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2594 UMW-LM2594 Datasheet
573Kb / 13P
   IC REG BUCK 12V 1.5A 8SOP
logo
ON Semiconductor
LM2594DADJG ONSEMI-LM2594DADJG Datasheet
560Kb / 25P
   0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
More results

유사한 설명 - LM2594

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
LM2595 TI1-LM2595_17 Datasheet
4Mb / 43P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
LM2592HV TI1-LM2592HV Datasheet
2Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 2-A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com