전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2592HVSX-3.3 데이터시트(PDF) 9 Page - Texas Instruments

부품명 LM2592HVSX-3.3
상세설명  SIMPLE SWITCHER Power Converter 150-kHz 2-A Step-Down Voltage Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2592HVSX-3.3 데이터시트(HTML) 9 Page - Texas Instruments

Back Button LM2592HVSX-3.3 Datasheet HTML 5Page - Texas Instruments LM2592HVSX-3.3 Datasheet HTML 6Page - Texas Instruments LM2592HVSX-3.3 Datasheet HTML 7Page - Texas Instruments LM2592HVSX-3.3 Datasheet HTML 8Page - Texas Instruments LM2592HVSX-3.3 Datasheet HTML 9Page - Texas Instruments LM2592HVSX-3.3 Datasheet HTML 10Page - Texas Instruments LM2592HVSX-3.3 Datasheet HTML 11Page - Texas Instruments LM2592HVSX-3.3 Datasheet HTML 12Page - Texas Instruments LM2592HVSX-3.3 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
9
LM2592HV
www.ti.com
SNVS075E – MAY 2001 – REVISED MAY 2016
Product Folder Links: LM2592HV
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
(Circuit of Test Circuits)
Figure 13. ON/OFF Pin Current (Sinking)
Figure 14. Internal Gain-Phase Characteristics
Continuous Mode Switching Waveforms VIN = 20V, VOUT = 5V,
ILOAD = 2A L = 32 μH, COUT = 220 μF, COUT ESR = 50 mΩ
Output Pin Voltage, 10V/div.
Inductor Current 1A/div.
Output Ripple Voltage, 50 mV/div.
Figure 15. Horizontal Time Base: 2
μs/div
Discontinuous Mode Switching Waveforms VIN = 20V, VOUT = 5V,
ILOAD = 500 mA L = 10 μH, COUT = 330 μF, COUT ESR = 45 mΩ
Output Pin Voltage, 10V/div.
Inductor Current 0.5A/div.
Output Ripple Voltage, 100 mV/div.
Figure 16. Horizontal Time Base: 2
μs/div
Load Transient Response for Continuous Mode VIN = 20V, VOUT =
5V, ILOAD = 500 mA to 2A L = 32 μH, COUT = 220 μF, COUT ESR =
50 m
Ω
Output Voltage, 100 mV/div. (AC)
500 mA to 2A Load Pulse
Figure 17. Horizontal Time Base: 50
μs/div
Load Transient Response for Discontinuous Mode VIN = 20V,
VOUT = 5V, ILOAD = 500 mA to 2A L = 10 μH, COUT = 330 μF, COUT
ESR = 45 m
Ω
Output Voltage, 100 mV/div. (AC)
500-mA to 2-A Load Pulse
Figure 18. Horizontal Time Base: 200
μs/div


유사한 부품 번호 - LM2592HVSX-3.3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2592HVSX-3.3 TI-LM2592HVSX-3.3 Datasheet
2Mb / 29P
[Old version datasheet]   LM2592HV SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage
More results

유사한 설명 - LM2592HVSX-3.3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
LM2595 TI1-LM2595_17 Datasheet
4Mb / 43P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
LM2594 TI1-LM2594_16 Datasheet
2Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 0.5-A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com