전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM25066A 데이터시트(PDF) 11 Page - Texas Instruments

부품명 LM25066A
상세설명  System Power Management and Protection IC
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM25066A 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LM25066A_15 Datasheet HTML 7Page - Texas Instruments LM25066A_15 Datasheet HTML 8Page - Texas Instruments LM25066A_15 Datasheet HTML 9Page - Texas Instruments LM25066A_15 Datasheet HTML 10Page - Texas Instruments LM25066A_15 Datasheet HTML 11Page - Texas Instruments LM25066A_15 Datasheet HTML 12Page - Texas Instruments LM25066A_15 Datasheet HTML 13Page - Texas Instruments LM25066A_15 Datasheet HTML 14Page - Texas Instruments LM25066A_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
40 ms/DIV
GATE
VIN
UVLO = 2.9V
hyst = 0.2V
OVLO = 15.2V
hyst = 1.2V
5V/DIV
40 ms/DIV
PGOOD
VOUT
10.7V
5V/DIV
5V/DIV
VIN
10.25V
400 ms/DIV
TIMER
VIN
GATE
VOUT
RETRY PERIOD = 1.10s
10V/DIV
10V/DIV
10V/DIV
1V/DIV
1 ms/DIV
TIMER
ILOAD
GATE
VOUT
2.5A/DIV
10V/DIV
10V/DIV
1V/DIV
-60 -40 -20 0
20 40 60 80 100 120 140
2.70
2.71
2.72
2.73
2.74
2.75
TEMPERATURE (°C)
100 ms/DIV
TIMER
VIN
GATE
VOUT
INSERTION DELAY = 140 ms
10V/DIV
10V/DIV
10V/DIV
1V/DIV
LM25066A
www.ti.com
SNVS700F – DECEMBER 2010 – REVISED FEBRUARY 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, the following conditions apply: TJ = 25°C, VIN = 12V. All graphs show junction temperature.
Reference Voltage
Startup (Insertion Delay)
Figure 20.
Figure 21.
Startup (short circuit VOUT)
Startup (5A Load)
Figure 22.
Figure 23.
Startup (UVLO, OVLO)
Startup (PGOOD)
Figure 24.
Figure 25.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM25066A


유사한 부품 번호 - LM25066A_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM25066APSQ TI1-LM25066APSQ Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066APSQE TI1-LM25066APSQE Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066APSQX TI1-LM25066APSQX Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
More results

유사한 설명 - LM25066A_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM25066I TI1-LM25066I_16 Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
   Power Management System IC
2015-6-5
logo
STMicroelectronics
L9952XP STMICROELECTRONICS-L9952XP Datasheet
854Kb / 68P
   Power management system IC
L9952GXP STMICROELECTRONICS-L9952GXP Datasheet
865Kb / 68P
   Power management system IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com