전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM25066I 데이터시트(PDF) 8 Page - Texas Instruments

부품명 LM25066I
상세설명  Intel Node Manager Compliant System Power Management and Protection IC
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM25066I 데이터시트(HTML) 8 Page - Texas Instruments

Back Button LM25066I_16 Datasheet HTML 4Page - Texas Instruments LM25066I_16 Datasheet HTML 5Page - Texas Instruments LM25066I_16 Datasheet HTML 6Page - Texas Instruments LM25066I_16 Datasheet HTML 7Page - Texas Instruments LM25066I_16 Datasheet HTML 8Page - Texas Instruments LM25066I_16 Datasheet HTML 9Page - Texas Instruments LM25066I_16 Datasheet HTML 10Page - Texas Instruments LM25066I_16 Datasheet HTML 11Page - Texas Instruments LM25066I_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
-60 -40 -20 0
20 40 60 80 100 120 140
-18
-16
-14
-12
-10
-8
-6
-4
-2
TEMPERATURE (°C)
VIN = 17V
VIN = 2.9V
VIN = 12V
-60 -40 -20 0
20 40 60 80 100 120 140
6
8
10
12
14
16
18
20
TEMPERATURE (°C)
VIN = 17V
VIN = 9V
VIN = 5V
VIN = 12V
VIN = 2.9V
-40 -20
0
20
40
60
80 100 120
34
36
38
40
42
44
46
48
50
52
TEMPERATURE (°C)
VIN = 17V
VIN = 12V
VIN = 2.9V
-60 -40 -20 0
20 40 60 80 100 120 140
4
8
12
16
20
24
28
TEMPERATURE (°C)
VIN = 17V
VIN = 12V
VIN = 2.9V
-60 -40 -20 0 20 40 60 80 100120140
30
34
38
42
46
50
54
TEMPERATURE (°C)
VIN = 17V
VIN = 12V
VIN = 2.9V
-40 -20
0
20 40 60 80 100 120 140
3.0
3.5
4.0
4.5
5.0
5.5
6.0
TEMPERATURE (°C)
VIN = 17V
VIN = 12V
VIN = 3V
LM25066I, LM25066IA
SNVS824C – JUNE 2012 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified the following conditions apply: TJ = 25°C, VIN = 12V. All graphs show junction temperature.
VIN Pin Current
SENSE Pin Current (Enabled)
Figure 1.
Figure 2.
SENSE Pin Current (Disabled)
OUT Pin Current (Enabled)
Figure 3.
Figure 4.
OUT Pin Current (Disabled)
GATE Pin Voltage
Figure 5.
Figure 6.
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM25066I LM25066IA


유사한 부품 번호 - LM25066I_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM25066IA TI1-LM25066IA Datasheet
1Mb / 60P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC with PMBus
More results

유사한 설명 - LM25066I_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM25066I TI1-LM25066I Datasheet
1Mb / 60P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
   Power Management System IC
2015-6-5
logo
STMicroelectronics
L9952XP STMICROELECTRONICS-L9952XP Datasheet
854Kb / 68P
   Power management system IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com