전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM25085A 데이터시트(PDF) 2 Page - Texas Instruments

부품명 LM25085A
상세설명  42V Constant On-Time PFET Buck Switching Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM25085A 데이터시트(HTML) 2 Page - Texas Instruments

  LM25085A_15 Datasheet HTML 1Page - Texas Instruments LM25085A_15 Datasheet HTML 2Page - Texas Instruments LM25085A_15 Datasheet HTML 3Page - Texas Instruments LM25085A_15 Datasheet HTML 4Page - Texas Instruments LM25085A_15 Datasheet HTML 5Page - Texas Instruments LM25085A_15 Datasheet HTML 6Page - Texas Instruments LM25085A_15 Datasheet HTML 7Page - Texas Instruments LM25085A_15 Datasheet HTML 8Page - Texas Instruments LM25085A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
8
7
6
5
4
3
2
1
Exposed Pad on Bottom
Connect to Ground
FB
GND
ADJ
PGATE
ISEN
VCC
RT
VIN
1
2
3
4
5
8
7
6
Exposed Pad on Bottom
Connect to Ground
FB
PGATE
ISEN
GND
VCC
ADJ
RT
VIN
1
2
3
4
5
8
7
6
FB
PGATE
ISEN
GND
VCC
ADJ
RT
VIN
LM25085A
SNVS601B – JANUARY 2009 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 1. Top View
Figure 2. Top View
8-Lead HVSSOP
8-Lead VSSOP
Figure 3. Top View
8-Lead WSON
PIN DESCRIPTIONS
Pin
Name
Description
Application Information
No.
1
ADJ
Current Limit Adjust
The current limit threshold is set by an external resistor from VIN to ADJ in
conjunction with the external sense resistor or the PFET’s RDS(ON).
2
RT
On-time control and shutdown
An external resistor from VIN to RT sets the buck switch on-time and switching
frequency. Grounding this pin shuts down the controller.
3
FB
Voltage Feedback from the
Input to the regulation and over-voltage comparators. The regulation level is 0.9V.
regulated output
4
GND
Circuit Ground
Ground reference for all internal circuitry
5
ISEN
Current sense input for current
Connect to the PFET drain when using RDS(ON) current sense. Connect to the PFET
limit detection.
source and the sense resistor when using a current sense resistor.
6
PGATE
Gate Driver Output
Connect to the gate of the external PFET.
7
VCC
Output of the gate driver bias
Output of the negative voltage regulator (relative to VIN) that biases the PFET gate
regulator
driver. A low ESR capacitor is required from VIN to VCC, located as close as
possible to the pins.
8
VIN
Input supply voltage
The operating input range is from 4.5V to 42V. A low ESR bypass capacitor must be
located as close as possible to the VIN and GND pins.
EP
Exposed Pad
Exposed pad on the underside of the package (HVSSOP-PowerPAD-8 and WSON
only). This pad is to be soldered to the PC board ground plane to aid in heat
dissipation.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM25085A


유사한 부품 번호 - LM25085A_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM25085A TI1-LM25085A_14 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
More results

유사한 설명 - LM25085A_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM25085 NSC-LM25085 Datasheet
500Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM25085 TI-LM25085_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
LM25085MME TI1-LM25085MME Datasheet
1Mb / 30P
[Old version datasheet]   LM25085, LM25085-Q1 42V Constant On-Time PFET Buck Switching Controller
LM25085A TI1-LM25085A_14 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
logo
National Semiconductor ...
LM25085A NSC-LM25085A Datasheet
517Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
LM5085 NSC-LM5085 Datasheet
463Kb / 22P
   75V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM5085 TI1-LM5085 Datasheet
441Kb / 23P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM5085 TI-LM5085_15 Datasheet
1Mb / 33P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
   42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com