전자부품 데이터시트 검색엔진 |
|
LM358ADGKR 데이터시트(PDF) 6 Page - Texas Instruments |
|
|
LM358ADGKR 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 41 page LM158, LM158A, LM258, LM258A LM358, LM358A, LM2904, LM2904V SLOS068T – JUNE 1976 – REVISED APRIL 2015 www.ti.com 6.6 Electrical Characteristics for LM2904 at specified free-air temperature, VCC = 5 V (unless otherwise noted) LM2904 PARAMETER TEST CONDITIONS (1) TA (2) UNIT MIN TYP (3) MAX 25°C 3 7 Non-A-suffix VCC = 5 V to MAX, devices Full range 10 VIO Input offset voltage VIC = VICR(min), mV 25°C 1 2 VO = 1.4 V A-suffix devices Full range 4 Average temperature coefficient αVIO Full range 7 μV/°C of input offset voltage 25°C 2 50 Non-V device Full range 300 IIO Input offset current VO = 1.4 V nA 25°C 2 50 V-suffix device Full range 150 Average temperature coefficient αIIO Full range 10 pA/°C of input offset current 25°C –20 –250 IIB Input bias current VO = 1.4 V nA Full range –500 0 to 25°C VCC – 1.5 Common-mode input VICR VCC = 5 V to MAX V voltage range 0 to Full range VCC – 2 RL ≥ 10 kΩ 25°C VCC – 1.5 RL = 2 kΩ Full range 22 VCC = MAX, Non-V device VOH High-level output voltage RL ≥ 10 kΩ Full range 23 24 V RL = 2 kΩ Full range 26 VCC = MAX V-suffix device RL ≥ 10 kΩ Full range 27 28 VOL Low-level output voltage RL ≤ 10 kΩ Full range 5 20 mV VCC = 15 V, 25°C 25 100 Large-signal differential AVD VO = 1 V to 11 V, V/mV voltage amplification Full range 15 RL ≥ 2 kΩ Non-V device 25°C 50 80 VCC = 5V to MAX, CMRR Common-mode rejection ratio dB VIC = VICR(min) V-suffix device 25°C 65 80 Supply-voltage rejection ratio kSVR VCC = 5 V to MAX 25°C 65 100 dB ( ΔVCC /ΔVIO) VO1/ VO2 Crosstalk attenuation f = 1 kHz to 20 kHz 25°C 120 dB VCC = 15 V, 25°C –20 –30 VID = 1 V, Source Full range –10 VO = 0 mA VCC = 15 V, 25°C 10 20 IO Output current VID = –1 V, Sink Full range 5 VO = 15 V Non-V device 25°C 30 VID = –1 V, VO = 200 mV μA V-suffix device 25°C 12 40 IOS Short-circuit output current VCC at 5 V, VO = 0, GND at −5 V 25°C ±40 ±60 mA VO = 2.5 V, No load Full range 0.7 1.2 Supply current ICC mA (four amplifiers) VCC = MAX, VO = 0.5 VCC, No load Full range 1 2 (1) All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX VCC for testing purposes is 26 V for LM2902 and 32 V for LM2902V. (2) Full range is –55°C to 125°C for LM158, –25°C to 85°C for LM258, 0°C to 70°C for LM358, and –40°C to 125°C for LM2904. (3) All typical values are at TA = 25°C. 6.7 Electrical Characteristics for LM158A and LM258A at specified free-air temperature, VCC = 5 V (unless otherwise noted) LM158A LM258A PARAMETER TEST CONDITIONS (1) TA (1) UNIT MIN TYP (2) MAX MIN TYP (2) MAX VCC = 5 V to 30 V, 25°C 2 2 3 VIO Input offset voltage VIC = VICR(min), mV Full range 4 4 VO = 1.4 V (1) All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX VCC for testing purposes is 26 V for LM2904 and 30 V for others. (2) All typical values are at TA = 25°C. 6 Submit Documentation Feedback Copyright © 1976–2015, Texas Instruments Incorporated Product Folder Links: LM158 LM258 LM258A LM358 LM358A LM2904 LM2904V |
유사한 부품 번호 - LM358ADGKR |
|
유사한 설명 - LM358ADGKR |