전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM320LF2407A-EP 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 SM320LF2407A-EP
상세설명  DSP CONTROLLERS
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SM320LF2407A-EP 데이터시트(HTML) 10 Page - Texas Instruments

Back Button SM320LF2407A-EP Datasheet HTML 6Page - Texas Instruments SM320LF2407A-EP Datasheet HTML 7Page - Texas Instruments SM320LF2407A-EP Datasheet HTML 8Page - Texas Instruments SM320LF2407A-EP Datasheet HTML 9Page - Texas Instruments SM320LF2407A-EP Datasheet HTML 10Page - Texas Instruments SM320LF2407A-EP Datasheet HTML 11Page - Texas Instruments SM320LF2407A-EP Datasheet HTML 12Page - Texas Instruments SM320LF2407A-EP Datasheet HTML 13Page - Texas Instruments SM320LF2407A-EP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 112 page
background image
SM320LF2407AEP
DSP CONTROLLERS
SGUS036B − JULY 2003 − REVISED OCTOBER 2003
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
pin functions (continued)
Table 2. LF240xA and LC240xA Pin List and Package Options†‡ (Continued)
PIN NAME
LF2407A
(144-PGE)
DESCRIPTION
OSCILLATOR, PLL, FLASH, BOOT, AND MISCELLANEOUS (CONTINUED)
BIO/IOPC1
119
Branch control input. BIO is polled by the BCND pma,BIO instruction. If BIO is low, a branch is
executed. If BIO is not used, it should be pulled high. This pin is configured as a branch control input
by all device resets. It can be used as a GPIO, if not used as a branch control input.
(
↑)
EMULATION AND TEST
EMU0
90
Emulator I/O #0 with internal pullup. When TRST is driven high, this pin is used as an interrupt to or
from the emulator system and is defined as input/output through the JTAG scan.
(
↑)
EMU1/OFF
91
Emulator pin 1. Emulator pin 1 disables all outputs. When TRST is driven high, EMU1/OFF is used as
an interrupt to or from the emulator system and is defined as an input/output through the JTAG scan.
When TRST is driven low, this pin is configured as OFF. EMU1/OFF, when active low, puts all output
drivers in the high-impedance state. Note that OFF is used exclusively for testing and emulation
purposes (not for multiprocessing applications). Therefore, for the OFF condition, the following apply:
TRST = 0
EMU0 = 1
EMU1/OFF = 0
(
↑)
TCK
135
JTAG test clock with internal pullup
(
↑)
TDI
139
JTAG test data input (TDI) with internal pullup. TDI is clocked into the selected register (instruction or
data) on a rising edge of TCK.
(
↑)
TDO
142
JTAG scan out, test data output (TDO). The contents of the selected register (instruction or data) is
shifted out of TDO on the falling edge of TCK.
(
↓)
TMS
144
JTAG test-mode select (TMS) with internal pullup. This serial control input is clocked into the TAP
controller on the rising edge of TCK.
(
↑)
TMS2
36
JTAG test-mode select 2 (TMS2) with internal pullup. This serial control input is clocked into the TAP
controller on the rising edge of TCK. Used for test and emulation only. This pin can be left unconnected
in user applications. If the PLL bypass mode is desired, TMS2, TMS, and TRST should be held low
during reset.
(
↑)
TRST
1
JTAG test reset with internal pulldown. TRST, when driven high, gives the scan system control of the
operations of the device. If this signal is not connected or driven low, the device operates in its
functional mode, and the test reset signals are ignored.
(
↓)
NOTE: Do not use pullup resistors on TRST; it has an internal pulldown device. In a low-noise
environment, TRST can be left floating. In a high-noise environment, an additional pulldown resistor
may be needed. The value of this resistor should be based on drive strength of the debugger pods
applicable to the design. A 2.2-k
Ω resistor generally offers adequate protection. Since this is
application-specific, it is recommended that each target board is validated for proper operation of the
debugger and the application.
ADDRESS, DATA, AND MEMORY CONTROL SIGNALS
DS
87
Data space strobe. IS, DS, and PS are always high unless low-level asserted for access to the relevant
external memory space or I/O. They are placed in the high-impedance state.¶
IS
82
I/O space strobe. IS, DS, and PS are always high unless low-level asserted for access to the relevant
external memory space or I/O. They are placed in the high-impedance state.¶
† Bold, italicized pin names indicate pin function after reset.
‡ GPIO − General-purpose input/output pin. All GPIOs come up as input after reset.
§ It is highly recommended that VCCA be isolated from the digital supply voltage (and VSSA from digital ground) to maintain the specified accuracy
and improve the noise immunity of the ADC.
¶ Only when all of the following conditions are met: EMU1/OFF is low, TRST is low, and EMU0 is high
# No power supply pin (VDD, VDDO, VSS, or VSSO) should be left unconnected. All power supply pins must be connected appropriately for proper
device operation.
LEGEND:
↑ − Internal pullup
↓ − Internal pulldown
(Typical active pullup/pulldown value is
±16 µA.)


유사한 부품 번호 - SM320LF2407A-EP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SM320LF2407APGEMEP TI1-SM320LF2407APGEMEP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com