전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHC244 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AHC244
상세설명  SNx4AHC244 Octal Buffers/Drivers With 3-State Outputs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC244 데이터시트(HTML) 11 Page - Texas Instruments

Back Button SN74AHC244 Datasheet HTML 7Page - Texas Instruments SN74AHC244 Datasheet HTML 8Page - Texas Instruments SN74AHC244 Datasheet HTML 9Page - Texas Instruments SN74AHC244 Datasheet HTML 10Page - Texas Instruments SN74AHC244 Datasheet HTML 11Page - Texas Instruments SN74AHC244 Datasheet HTML 12Page - Texas Instruments SN74AHC244 Datasheet HTML 13Page - Texas Instruments SN74AHC244 Datasheet HTML 14Page - Texas Instruments SN74AHC244 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Vcc
Unused Input
Input
Output
Input
Unused Input
Output
AC
HC
AHC
SN54AHC244, SN74AHC244
www.ti.com
SCLS226K – OCTOBER 1995 – REVISED JULY 2014
Typical Application (continued)
10.2.3 Application Curves
Figure 6. Switching Characteristics Comparison
11 Power Supply Recommendations
The power supply can be any voltage between the MIN and MAX supply voltage rating located in the
Recommended Operating Conditions table.
Each VCC pin should have a good bypass capacitor to prevent power disturbance. For devices with a single
supply, 0.1
μf is recommended; if there are multiple VCC pins, then 0.01 μf or 0.022 μf is recommended for each
power pin. It is acceptable to parallel multiple bypass caps to reject different frequencies of noise. A 0.1
μf and a
1
μf are commonly used in parallel. The bypass capacitor should be installed as close to the power pin as
possible for best results.
12 Layout
12.1 Layout Guidelines
When using multiple-bit logic devices, inputs should never float.
In many cases, functions or parts of functions of digital logic devices are unused, for example, when only two
inputs of a triple-input AND gate are used or only 3 of the 4 buffer gates are used. Such input pins should not
be left unconnected because the undefined voltages at the outside connections result in undefined
operational states. Figure 7 specifies the rules that must be observed under all circumstances. All unused
inputs of digital logic devices must be connected to a high or low bias to prevent them from floating. The
logic level that should be applied to any particular unused input depends on the function of the device.
Generally they will be tied to GND or VCC, whichever makes more sense or is more convenient. It is
generally acceptable to float outputs, unless the part is a transceiver. If the transceiver has an output enable
pin, it will disable the output section of the part when asserted. This will not disable the input section of the
I/Os, so they cannot float when disabled.
12.2 Layout Example
Figure 7. Layout Diagram
Copyright © 1995–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN54AHC244 SN74AHC244


유사한 부품 번호 - SN74AHC244

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244 Datasheet
101Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHC244 TI-SN74AHC244 Datasheet
571Kb / 2P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHC244 TI-SN74AHC244 Datasheet
715Kb / 20P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHC244 TI-SN74AHC244 Datasheet
691Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHC244 TI-SN74AHC244 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74AHC244

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com