전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHCT14NE4 데이터시트(PDF) 1 Page - Texas Instruments

부품명 SN74AHCT14NE4
상세설명  SNx4AHCT14 Hex Schmitt-Trigger Inverters
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT14NE4 데이터시트(HTML) 1 Page - Texas Instruments

  SN74AHCT14NE4 Datasheet HTML 1Page - Texas Instruments SN74AHCT14NE4 Datasheet HTML 2Page - Texas Instruments SN74AHCT14NE4 Datasheet HTML 3Page - Texas Instruments SN74AHCT14NE4 Datasheet HTML 4Page - Texas Instruments SN74AHCT14NE4 Datasheet HTML 5Page - Texas Instruments SN74AHCT14NE4 Datasheet HTML 6Page - Texas Instruments SN74AHCT14NE4 Datasheet HTML 7Page - Texas Instruments SN74AHCT14NE4 Datasheet HTML 8Page - Texas Instruments SN74AHCT14NE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Y
A
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN54AHCT14, SN74AHCT14
SCLS246Q – OCTOBER 1995 – REVISED JULY 2014
SNx4AHCT14 Hex Schmitt-Trigger Inverters
1 Features
3 Description
The SNx4AHCT14 devices contain six independent
1
Inputs are TTL-Voltage Compatible
inverters.
These
devices
perform
the
Boolean
Latch-Up Performance Exceeds 250 mA Per
function Y = A.
JESD 17
ESD Protection Exceeds JESD 22
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
2000-V Human-Body Model (A114-A)
VQFN (14)
3.50 mm × 3.50 mm
200-V Machine Model (A115-A)
TSSOP (14)
5.00 mm × 4.40 mm
1000-V Charged-Device Model (C101)
SNxAHCT14
SSOP (14)
6.20 mm × 5.30 mm
On Products Compliant to MIL-PRF-38535,
TVSOP (14)
3.60 mm × 4.40 mm
All Parameters Are Tested Unless Otherwise
SOIC (14)
8.65 mm × 3.91 mm
Noted. On All Other Products, Production
Processing Does Not Necessarily Include Testing
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
of All Parameters.
2 Applications
Servers
Network Switches
Telecom Infrastructures
Tests and Measurements
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - SN74AHCT14NE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHCT14NE4 TI-SN74AHCT14NE4 Datasheet
1,014Kb / 21P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHCT14NE4 TI-SN74AHCT14NE4 Datasheet
957Kb / 21P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHCT14NE4 TI-SN74AHCT14NE4 Datasheet
894Kb / 21P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

유사한 설명 - SN74AHCT14NE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54AHCT14 TI-SN54AHCT14_V01 Datasheet
3Mb / 38P
[Old version datasheet]   SNx4AHCT14 Hex Schmitt-Trigger Inverters
REVISED JUNE 2023
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com