전자부품 데이터시트 검색엔진 |
|
SN74AHCT14PWG4 데이터시트(PDF) 4 Page - Texas Instruments |
|
SN74AHCT14PWG4 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 33 page SN54AHCT14, SN74AHCT14 SCLS246Q – OCTOBER 1995 – REVISED JULY 2014 www.ti.com 7 Specifications 7.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT VCC Supply voltage range –0.5 7 V VI Input voltage range(2) –0.5 7 V VO Output voltage range(2) –0.5 VCC + 0.5 V IIK Input clamp current VI < 0 –20 mA IOK Output clamp current VO < 0 or VO > VCC ±20 mA IO Continuous output current VO = 0 to VCC ±25 mA Continuous current through VCC or GND ±50 mA (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 7.2 Handling Ratings MIN MAX UNIT Tstg Storage temperature range –65 150 °C Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all 0 2000 pins(1) V(ESD) Electrostatic discharge V Charged device model (CDM), per JEDEC specification 0 1000 JESD22-C101, all pins(2) (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 7.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) (1) SN54AHCT14 SN74AHCT14 UNIT MIN MAX MIN MAX VCC Supply voltage 4.5 5.5 4.5 5.5 V VI Input voltage 0 5.5 0 5.5 V VO Output voltage 0 VCC 0 VCC V IOH High-level output current –8 –8 mA IOL Low-level output current 8 8 mA TA Operating free-air temperature –55 125 –40 125 °C (1) All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI Application Report, Implications of Slow or Floating CMOS Inputs, (SCBA004). 4 Submit Documentation Feedback Copyright © 1995–2014, Texas Instruments Incorporated Product Folder Links: SN54AHCT14 SN74AHCT14 |
유사한 부품 번호 - SN74AHCT14PWG4 |
|
유사한 설명 - SN74AHCT14PWG4 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |