전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHCT14PWR 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AHCT14PWR
상세설명  SNx4AHCT14 Hex Schmitt-Trigger Inverters
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT14PWR 데이터시트(HTML) 4 Page - Texas Instruments

  SN74AHCT14PWR Datasheet HTML 1Page - Texas Instruments SN74AHCT14PWR Datasheet HTML 2Page - Texas Instruments SN74AHCT14PWR Datasheet HTML 3Page - Texas Instruments SN74AHCT14PWR Datasheet HTML 4Page - Texas Instruments SN74AHCT14PWR Datasheet HTML 5Page - Texas Instruments SN74AHCT14PWR Datasheet HTML 6Page - Texas Instruments SN74AHCT14PWR Datasheet HTML 7Page - Texas Instruments SN74AHCT14PWR Datasheet HTML 8Page - Texas Instruments SN74AHCT14PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
SN54AHCT14, SN74AHCT14
SCLS246Q – OCTOBER 1995 – REVISED JULY 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
7
V
VI
Input voltage range(2)
–0.5
7
V
VO
Output voltage range(2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–20
mA
IOK
Output clamp current
VO < 0 or VO > VCC
±20
mA
IO
Continuous output current
VO = 0 to VCC
±25
mA
Continuous current through VCC or GND
±50
mA
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
0
2000
pins(1)
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification
0
1000
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
SN54AHCT14
SN74AHCT14
UNIT
MIN
MAX
MIN
MAX
VCC
Supply voltage
4.5
5.5
4.5
5.5
V
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
V
IOH
High-level output current
–8
–8
mA
IOL
Low-level output current
8
8
mA
TA
Operating free-air temperature
–55
125
–40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI Application Report,
Implications of Slow or Floating CMOS Inputs, (SCBA004).
4
Submit Documentation Feedback
Copyright © 1995–2014, Texas Instruments Incorporated
Product Folder Links: SN54AHCT14 SN74AHCT14


유사한 부품 번호 - SN74AHCT14PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHCT14PWR TI-SN74AHCT14PWR Datasheet
711Kb / 18P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHCT14PWR TI-SN74AHCT14PWR Datasheet
1,014Kb / 21P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHCT14PWR TI-SN74AHCT14PWR Datasheet
1Mb / 21P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHCT14PWR TI-SN74AHCT14PWR Datasheet
957Kb / 21P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHCT14PWR TI-SN74AHCT14PWR Datasheet
894Kb / 21P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

유사한 설명 - SN74AHCT14PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54AHCT14 TI-SN54AHCT14_V01 Datasheet
3Mb / 38P
[Old version datasheet]   SNx4AHCT14 Hex Schmitt-Trigger Inverters
REVISED JUNE 2023
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com