전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHCT14PWR 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AHCT14PWR
상세설명  SNx4AHCT14 Hex Schmitt-Trigger Inverters
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT14PWR 데이터시트(HTML) 9 Page - Texas Instruments

Back Button SN74AHCT14PWR Datasheet HTML 5Page - Texas Instruments SN74AHCT14PWR Datasheet HTML 6Page - Texas Instruments SN74AHCT14PWR Datasheet HTML 7Page - Texas Instruments SN74AHCT14PWR Datasheet HTML 8Page - Texas Instruments SN74AHCT14PWR Datasheet HTML 9Page - Texas Instruments SN74AHCT14PWR Datasheet HTML 10Page - Texas Instruments SN74AHCT14PWR Datasheet HTML 11Page - Texas Instruments SN74AHCT14PWR Datasheet HTML 12Page - Texas Instruments SN74AHCT14PWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
5 V
10 k
1/6 W
SN74AHCT14
10 nf
Circuit Symbol for a
Schmitt Trigger
SN54AHCT14, SN74AHCT14
www.ti.com
SCLS246Q – OCTOBER 1995 – REVISED JULY 2014
10 Application and Implementation
10.1 Application Information
Schmitt triggers should be used anytime you need to translate a sign wave into a square wave, or used where a
slow or noisy input needs to be sped up or cleaned up as in the switch de-bouncer circuit.
10.2 Typical Application
Figure 3. Switch De-bouncer Using Schmitt Trigger Inverter
10.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus
contention because it can drive currents that would exceed maximum limits. The high drive will also create fast
edges into light loads; therefore, routing and load conditions should be considered to prevent ringing.
10.2.2 Detailed Design Procedure
1. Recommended input conditions
Rise time and fall time specs: See (
Δt/ΔV) in the Recommended Operating Conditions table.
Specified High and low levels: See (VIH and VIL) in the Recommended Operating Conditions table.
Inputs are overvoltage tolerant allowing them to go as high as 5.5 V at any valid VCC
2. Recommend output conditions
Load currents should not exceed 25 mA per output and 50 mA total for the part
Outputs should not be pulled above VCC
Copyright © 1995–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN54AHCT14 SN74AHCT14


유사한 부품 번호 - SN74AHCT14PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHCT14PWR TI-SN74AHCT14PWR Datasheet
711Kb / 18P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHCT14PWR TI-SN74AHCT14PWR Datasheet
1,014Kb / 21P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHCT14PWR TI-SN74AHCT14PWR Datasheet
1Mb / 21P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHCT14PWR TI-SN74AHCT14PWR Datasheet
957Kb / 21P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHCT14PWR TI-SN74AHCT14PWR Datasheet
894Kb / 21P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

유사한 설명 - SN74AHCT14PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54AHCT14 TI-SN54AHCT14_V01 Datasheet
3Mb / 38P
[Old version datasheet]   SNx4AHCT14 Hex Schmitt-Trigger Inverters
REVISED JUNE 2023
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com