전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHCT14RGYR 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AHCT14RGYR
상세설명  SNx4AHCT14 Hex Schmitt-Trigger Inverters
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT14RGYR 데이터시트(HTML) 5 Page - Texas Instruments

  SN74AHCT14RGYR Datasheet HTML 1Page - Texas Instruments SN74AHCT14RGYR Datasheet HTML 2Page - Texas Instruments SN74AHCT14RGYR Datasheet HTML 3Page - Texas Instruments SN74AHCT14RGYR Datasheet HTML 4Page - Texas Instruments SN74AHCT14RGYR Datasheet HTML 5Page - Texas Instruments SN74AHCT14RGYR Datasheet HTML 6Page - Texas Instruments SN74AHCT14RGYR Datasheet HTML 7Page - Texas Instruments SN74AHCT14RGYR Datasheet HTML 8Page - Texas Instruments SN74AHCT14RGYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
SN54AHCT14, SN74AHCT14
www.ti.com
SCLS246Q – OCTOBER 1995 – REVISED JULY 2014
7.4 Thermal Information
SN74AHCT595
THERMAL METRIC(1)
D
DGV
DB
N
NS
PW
RGY
UNIT
14 PINS
Junction-to-ambient thermal
RθJA
101.2
138.7
113.1
61.1
98.6
129.9
63.7
resistance
Junction-to-case (top) thermal
RθJC(top)
62.3
60.6
65.6
48.0
54.1
58.3
77.6
resistance
Junction-to-board thermal
RθJB
55.5
71.8
60.4
41.0
57.4
71.8
39.7
resistance
°C/W
Junction-to-top characterization
ψJT
25.5
10.6
25.5
32.4
19.6
10.2
5.7
parameter
Junction-to-board characterization
ψJB
55.2
71.1
59.9
40.9
57.0
71.2
39.9
parameter
Junction-to-case (bottom) thermal
RθJC(bot)
n/a
n/a
n/a
n/a
n/a
n/a
19.9
resistance
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, (SPRA953).
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
TA = 25°C
SN54AHCT14
SN74AHCT14
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
VT+
4.5 V
0.9
1.9
0.9
1.9
0.9
1.9
Positive-going
V
input threshold
5.5 V
1
2.1
1
2.1
1
2.1
voltage
VT–
4.5 V
0.5
1.5
0.5
1.5
0.5
1.5
Negative-going
V
input threshold
5.5 V
0.6
1.7
0.6
1.7
0.6
1.7
voltage
ΔVT
4.5 V
0.4
1.4
0.4
1.4
0.4
1.4
Hysteresis
V
5.5 V
0.4
1.5
0.4
1.5
0.4
1.5
( VT+ – VT– )
IOH = –50 µA
4.4
4.5
4.4
4.4
VOH
4.5 V
V
IOH = –8 mA
3.94
3.8
3.8
IOL = 50 µA
0.1
0.1
0.1
VOL
4.5 V
V
IOL = 8 mA
0.36
0.44
0.44
0 V to
II
VI = 5.5 V or GND
±0.1
±1(1)
±1
µA
5.5 V
ICC
VI = VCC or GND
IO = 0
5.5 V
2
20
20
µA
One input at 3.4 V,
ΔICC
(2)
5.5 V
1.35
1.5
1.5
mA
Other inputs at VCC or GND
Ci
VI = VCC or GND
5 V
2
10
10
pF
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
(2)
This is the increase in supply current for each input at one of the specified TTL voltage levels, rather than 0 V or VCC.
7.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
FROM
TO
TA = 25°C
SN54AHCT14
SN74AHCT14
LOAD
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
4(1)
7(1)
1(1)
8(1)
1
8
A
Y
CL = 15 pF
ns
tPHL
4(1)
7(1)
1(1)
8(1)
1
8
tPLH
5.5
8
1
9
1
9
A
Y
CL = 50 pF
ns
tPHL
5.5
8
1
9
1
9
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
Copyright © 1995–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN54AHCT14 SN74AHCT14


유사한 부품 번호 - SN74AHCT14RGYR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHCT14RGYR TI-SN74AHCT14RGYR Datasheet
711Kb / 18P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHCT14RGYR TI-SN74AHCT14RGYR Datasheet
1,014Kb / 21P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHCT14RGYR TI-SN74AHCT14RGYR Datasheet
1Mb / 21P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHCT14RGYR TI-SN74AHCT14RGYR Datasheet
957Kb / 21P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHCT14RGYR TI-SN74AHCT14RGYR Datasheet
894Kb / 21P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

유사한 설명 - SN74AHCT14RGYR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54AHCT14 TI-SN54AHCT14_V01 Datasheet
3Mb / 38P
[Old version datasheet]   SNx4AHCT14 Hex Schmitt-Trigger Inverters
REVISED JUNE 2023
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com