전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74F623 데이터시트(PDF) 4 Page - Texas Instruments

부품명 SN74F623
상세설명  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F623 데이터시트(HTML) 4 Page - Texas Instruments

  SN74F623 Datasheet HTML 1Page - Texas Instruments SN74F623 Datasheet HTML 2Page - Texas Instruments SN74F623 Datasheet HTML 3Page - Texas Instruments SN74F623 Datasheet HTML 4Page - Texas Instruments SN74F623 Datasheet HTML 5Page - Texas Instruments SN74F623 Datasheet HTML 6Page - Texas Instruments SN74F623 Datasheet HTML 7Page - Texas Instruments SN74F623 Datasheet HTML 8Page - Texas Instruments SN74F623 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SN54F623, SN74F623
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SDFS087 – MARCH 1987 – REVISED OCTOBER 1993
2–4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Note 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
RL = 500 Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX †
UNIT
(INPUT)
(OUTPUT)
′F623
SN54F623
SN74F623
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
A
B
1.2
3.6
5.5
1.1
6.8
1.2
6.5
ns
tPHL
A
B
2.2
4.6
7
1.6
8
1.7
7.5
ns
tPLH
B
A
1.2
3.6
5.5
1.1
6.8
1.2
6.5
ns
tPHL
B
A
1.7
4.1
6.5
1.6
8
1.7
7.5
ns
tPZH
OEBA
A
3.1
8.1
10.5
2.7
12.4
3.1
12
ns
tPZL
OEBA
A
2.8
7.1
9.5
2.5
10.3
2.8
10
ns
tPHZ
OEBA
A
1.7
4.1
6.5
1.6
8.3
1.7
7.5
ns
tPLZ
OEBA
A
1.7
4.1
6.5
1.5
7.4
1.7
7
ns
tPZH
OEAB
B
2.8
7.6
10
2.7
12
2.8
11.5
ns
tPZL
OEAB
B
2.8
6.6
9
2.8
10
2.9
9.5
ns
tPHZ
OEAB
B
2.2
5.6
8.5
1.9
10
2.2
10
ns
tPLZ
OEAB
B
3.2
6.6
9
3.1
10.7
3.2
10
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 2: Load circuits and waveforms are shown in Section 1.


유사한 부품 번호 - SN74F623

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74F623 TI-SN74F623 Datasheet
76Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74F623DW TI-SN74F623DW Datasheet
76Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74F623N TI-SN74F623N Datasheet
76Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74F623

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com