전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74HC00PWT 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74HC00PWT
상세설명  SNx4HC00 Quadruple 2-Input Positive-NAND Gates
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC00PWT 데이터시트(HTML) 3 Page - Texas Instruments

  SN74HC00PWT Datasheet HTML 1Page - Texas Instruments SN74HC00PWT Datasheet HTML 2Page - Texas Instruments SN74HC00PWT Datasheet HTML 3Page - Texas Instruments SN74HC00PWT Datasheet HTML 4Page - Texas Instruments SN74HC00PWT Datasheet HTML 5Page - Texas Instruments SN74HC00PWT Datasheet HTML 6Page - Texas Instruments SN74HC00PWT Datasheet HTML 7Page - Texas Instruments SN74HC00PWT Datasheet HTML 8Page - Texas Instruments SN74HC00PWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Not to scale
4
1Y
5
NC
6
2A
7
NC
8
2B
14
3B
15
NC
16
4Y
17
NC
18
4A
1
1A
14
VCC
2
1B
13
4B
3
1Y
12
4A
4
2A
11
4Y
5
2B
10
3B
6
2Y
9
3A
7
GND
8
3Y
Not to scale
3
SN54HC00, SN74HC00
www.ti.com
SCLS181F – DECEMBER 1982 – REVISED JULY 2016
Product Folder Links: SN54HC00 SN74HC00
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
D, DB, J, N, NS, PW, and W Package
14-Pin SOIC, SSOP, CDIP, PDIP, SOP, TSSOP, and CFP
Top View
FK Package
20-Pin LCCC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOIC, SSOP,
CDIP, PDIP, SOP,
TSSOP, CFP
LCCC
1A
1
2
I
Gate 1 input
1B
2
3
I
Gate 1 input
1Y
3
4
O
Gate 1 output
2A
4
6
I
Gate 2 input
2B
5
8
I
Gate 2 input
2Y
6
9
O
Gate 2 output
3A
9
13
I
Gate 3 input
3B
10
14
I
Gate 3 input
3Y
8
12
O
Gate 3 output
4A
12
18
I
Gate 4 input
4B
13
19
I
Gate 4 input
4Y
11
16
O
Gate 4 output
GND
7
10
Ground pin
NC
1, 5, 7,
11, 15,17
No internal connection
VCC
14
20
Power pin


유사한 부품 번호 - SN74HC00PWT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74HC00PWT TI-SN74HC00PWT Datasheet
76Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74HC00PWT TI-SN74HC00PWT Datasheet
703Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74HC00PWTE4 TI-SN74HC00PWTE4 Datasheet
703Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74HC00PWTG4 TI-SN74HC00PWTG4 Datasheet
703Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

유사한 설명 - SN74HC00PWT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com