전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALS245A-1DWRG4 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74ALS245A-1DWRG4
상세설명  OCTAL BUS TRANSCEIVERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS245A-1DWRG4 데이터시트(HTML) 3 Page - Texas Instruments

  SN74ALS245A-1DWRG4 Datasheet HTML 1Page - Texas Instruments SN74ALS245A-1DWRG4 Datasheet HTML 2Page - Texas Instruments SN74ALS245A-1DWRG4 Datasheet HTML 3Page - Texas Instruments SN74ALS245A-1DWRG4 Datasheet HTML 4Page - Texas Instruments SN74ALS245A-1DWRG4 Datasheet HTML 5Page - Texas Instruments SN74ALS245A-1DWRG4 Datasheet HTML 6Page - Texas Instruments SN74ALS245A-1DWRG4 Datasheet HTML 7Page - Texas Instruments SN74ALS245A-1DWRG4 Datasheet HTML 8Page - Texas Instruments SN74ALS245A-1DWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SN54ALS245A, SN54AS245, SN74ALS245A, SN74AS245
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SDAS272A – NOVEMBER 1994 – REVISED JANUARY 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 2)
SN54ALS245A
SN74ALS245A
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
IOH
High-level output current
– 12
– 15
mA
IOL
Low level output current
12
24
mA
IOL
Low-level output current
48†
mA
TA
Operating free-air temperature
– 55
125
0
70
°C
† Applies only to the -1 version and only if VCC is between 4.75 V and 5.25 V
NOTE 2: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS245A
SN74ALS245A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
–1.5
–1.5
V
VCC = 4.5 V to 5.5 V,
IOH = – 0.4 mA
VCC – 2
VCC – 2
VOH
IOH = – 3 mA
2.4
3.2
2.4
3.2
V
VOH
VCC = 4.5 V
IOH = – 12 mA
2
V
IOH = – 15 mA
2
IOL= 12 mA
0.25
0.4
0.25
0.4
VOL
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
IOL = 48 mA†
0.35
0.5
II
Control inputs
VCC =5 5V
VI = 7 V
0.1
0.1
mA
II
A or B ports
VCC = 5.5 V
VI = 5.5 V
0.1
0.1
mA
IIH
Control inputs
VCC =5 5V
VI =2 7V
20
20
µA
IIH
A or B ports§
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
Control inputs
VCC =5 5V
VI =0 4V
– 0.1
– 0.1
mA
IIL
A or B ports§
VCC = 5.5 V,
VI = 0.4 V
– 0.1
– 0.1
mA
IO¶
VCC = 5.5 V,
VO = 2.25 V
– 20
–112
– 30
–112
mA
Outputs high
30
48
30
45
ICC
VCC = 5.5 V
Outputs low
36
60
36
55
mA
Outputs disabled
38
63
38
58
† Applies only to the -1 version and only if VCC is between 4.75 V and 5.25 V
‡ All typical values are VCC = 5 V, TA = 25°C.
§ For I/O ports, the parameters IIH and IIL include the off-state output current.
¶ The output conditions have been chosen to produce a current that closely approximates one-half of the true short-circuit output current, IOS.


유사한 부품 번호 - SN74ALS245A-1DWRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALS245A-1DWR TI-SN74ALS245A-1DWR Datasheet
526Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ALS245A-1DWR TI1-SN74ALS245A-1DWR Datasheet
1Mb / 24P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED JANUARY 2003
SN74ALS245A-1DWRE4 TI-SN74ALS245A-1DWRE4 Datasheet
526Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74ALS245A-1DWRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54BCT245 TI-SN54BCT245_07 Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
SN74ALS620A TI-SN74ALS620A Datasheet
390Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Fairchild Semiconductor
DM74ALS645A FAIRCHILD-DM74ALS645A Datasheet
47Kb / 4P
   Octal Bus Transceivers
logo
Texas Instruments
SN54LS620 TI1-SN54LS620_09 Datasheet
511Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Motorola, Inc
SN54LS640 MOTOROLA-SN54LS640 Datasheet
118Kb / 3P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS620 TI-SN54LS620 Datasheet
284Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74HC245 UTC-U74HC245_15 Datasheet
238Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS638_1999 TI1-SN54LS638_1999 Datasheet
205Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS638A TI-SN74ALS638A Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74AHC245 UTC-U74AHC245_15 Datasheet
227Kb / 5P
   OCTAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com