전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74HC32PWLE 데이터시트(PDF) 1 Page - Texas Instruments

부품명 SN74HC32PWLE
상세설명  Quadruple 2-Input Positive-OR Gates
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC32PWLE 데이터시트(HTML) 1 Page - Texas Instruments

  SN74HC32PWLE Datasheet HTML 1Page - Texas Instruments SN74HC32PWLE Datasheet HTML 2Page - Texas Instruments SN74HC32PWLE Datasheet HTML 3Page - Texas Instruments SN74HC32PWLE Datasheet HTML 4Page - Texas Instruments SN74HC32PWLE Datasheet HTML 5Page - Texas Instruments SN74HC32PWLE Datasheet HTML 6Page - Texas Instruments SN74HC32PWLE Datasheet HTML 7Page - Texas Instruments SN74HC32PWLE Datasheet HTML 8Page - Texas Instruments SN74HC32PWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
A
B
Y
Copyright © 2016, Texas Instruments Incorporated
Y = A
B or Y = A + B
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
On products compliant to MIL-PRF-38535, all parameters are
tested unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
SN54HC32, SN74HC32
SCLS200E – DECEMBER 1982 – REVISED JULY 2016
SNx4HC32 Quadruple 2-Input Positive-OR Gates
1
1 Features
1
Wide Operating Voltage Range: 2 V to 6 V
Outputs Can Drive Up to 10 LSTTL Loads
Low Power Consumption ICC: 20 µA (Maximum)
Typical tpd: 8 ns
±4-mA Output Drive at 5 V
Low Input Current: 1 µA (Maximum)
2 Applications
Education
Toys
Musical Instruments
Medical Healthcare and Fitness
Grid Infrastructure
Electronic Point of Sale
Test and Measurement
Factory Automation and Control
Building Automation
3 Description
The SNx4HC32 devices contain four independent
2-input OR gates. They perform the boolean function
in positive logic.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN54HC32J
CDIP (14)
19.94 mm × 7.62 mm
SN54HC32W
CFP (14)
9.21 mm × 7.11 mm
SN54HC32FK
LCCC (20)
8.89 mm × 8.89 mm
SN74HC32D
SOIC (14)
4.90 mm × 3.91 mm
SN74HC32DB
SSOP (14)
6.20 mm × 5.30 mm
SN74HC32N
PDIP (14)
19.30 mm × 6.35 mm
SN74HC32NS
SO (14)
10.30 mm × 5.30 mm
SN74HC32PW
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram (Positive Logic)


유사한 부품 번호 - SN74HC32PWLE

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74HC32PWLE TI-SN74HC32PWLE Datasheet
518Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32PWLE TI-SN74HC32PWLE Datasheet
662Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32PWLE TI-SN74HC32PWLE Datasheet
699Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32PWLE TI1-SN74HC32PWLE Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results

유사한 설명 - SN74HC32PWLE

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32ADBR TI1-SN74HC32ADBR Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
CD54ACT32 TI1-CD54ACT32 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54F32 TI-SN54F32 Datasheet
102Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
74ACT11032DRG4 TI-74ACT11032DRG4 Datasheet
481Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_10 Datasheet
789Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74AHC32 UTC-U74AHC32 Datasheet
179Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Texas Instruments
SN74LS32FN TI1-SN74LS32FN Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LV32PWLE TI-SN74LV32PWLE Datasheet
221Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_07 Datasheet
813Kb / 19P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74HC32 UTC-U74HC32 Datasheet
111Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com