전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74HC164 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74HC164
상세설명  8-Bit Parallel-Out Serial Shift Registers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC164 데이터시트(HTML) 8 Page - Texas Instruments

Back Button SN74HC164 Datasheet HTML 4Page - Texas Instruments SN74HC164 Datasheet HTML 5Page - Texas Instruments SN74HC164 Datasheet HTML 6Page - Texas Instruments SN74HC164 Datasheet HTML 7Page - Texas Instruments SN74HC164 Datasheet HTML 8Page - Texas Instruments SN74HC164 Datasheet HTML 9Page - Texas Instruments SN74HC164 Datasheet HTML 10Page - Texas Instruments SN74HC164 Datasheet HTML 11Page - Texas Instruments SN74HC164 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
SN54HC164, SN74HC164
SCLS115G – DECEMBER 1982 – REVISED SEPTEMBER 2015
www.ti.com
7.7 Electrical Characteristics, TA = –55°C to 85°C
over recommended operating free-air temperature range (unless otherwise noted)
SN74HC164
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
2 V
1.9
IOH = –20 μA
4.5 V
4.4
VOH
VI = VIH or VIL
6 V
5.9
V
IOH = –4 mA
4.5 V
3.84
IOH = –5.2 mA
6 V
5.34
2 V
0.1
IOL = 20 μA
4.5 V
0.1
VOL
VI = VIH or VIL
6 V
0.1
V
IOL = 4 mA
4.5 V
0.33
IOL = 5.2 mA
6 V
0.33
II
VI = VCC or 0
6 V
±1000
nA
ICC
VI = VCC or 0
IO = 0
6 V
80
µA
2 V to
Ci
10
pF
6 V
7.8 Timing Requirements, TA = 25°C
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
VCC
MIN
NOM
MAX
UNIT
2 V
6
fclock
Clock frequency
4.5 V
31
MHz
6 V
36
2 V
100
CLR low
4.5 V
20
6 V
17
tw
Pulse duration
ns
2 V
80
CLK high or low
4.5 V
16
6 V
14
2 V
100
Data
4.5 V
20
6 V
17
tsu
Setup time before CLK
ns
2 V
100
CLR inactive
4.5 V
20
6 V
17
2 V
5
th
Hold time, data after CLK
4.5 V
5
ns
6 V
5
8
Submit Documentation Feedback
Copyright © 1982–2015, Texas Instruments Incorporated
Product Folder Links: SN54HC164 SN74HC164


유사한 부품 번호 - SN74HC164

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74HC164 TI-SN74HC164 Datasheet
109Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164 TI-SN74HC164 Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164 TI-SN74HC164 Datasheet
116Kb / 7P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164 TI-SN74HC164 Datasheet
664Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164D TI-SN74HC164D Datasheet
109Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results

유사한 설명 - SN74HC164

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54LV164A TI-SN54LV164A_07 Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54HC164 TI-SN54HC164_03 Datasheet
593Kb / 20P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHCT164 DIODES-74AHCT164 Datasheet
541Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
74HC164 DIODES-74HC164 Datasheet
603Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN74HC164 TI-SN74HC164_09 Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164 ARTSCHIP-MC74HC164 Datasheet
744Kb / 13P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54LV164A TI1-SN54LV164A_15 Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN74LV164 TI1-SN74LV164 Datasheet
162Kb / 8P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHC164 DIODES-74AHC164 Datasheet
634Kb / 11P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI-SN54HC164 Datasheet
349Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com