전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2642 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2642
상세설명  Two-Phase Synchronous Step-Down Switching Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2642 데이터시트(HTML) 6 Page - Texas Instruments

Back Button LM2642 Datasheet HTML 2Page - Texas Instruments LM2642 Datasheet HTML 3Page - Texas Instruments LM2642 Datasheet HTML 4Page - Texas Instruments LM2642 Datasheet HTML 5Page - Texas Instruments LM2642 Datasheet HTML 6Page - Texas Instruments LM2642 Datasheet HTML 7Page - Texas Instruments LM2642 Datasheet HTML 8Page - Texas Instruments LM2642 Datasheet HTML 9Page - Texas Instruments LM2642 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
LM2642
SNVS203I – MAY 2002 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise specified, VIN = 15V, GND = PGND = 0V, VLIN5 = VDD1 = VDD2. Limits appearing in boldface type apply
over the specified operating junction temperature range, (-20°C to +125°C, if not otherwise specified). Specifications
appearing in plain type are measured using low duty cycle pulse testing with TA = 25°C
(1), (2). Min/Max limits are specified by
design, test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ISC_DRV
HDRVx and LDRVx Source
VCBOOT1 = VCBOOT2 = 5V, VSWx=0V,
0.5
A
Current
HDRVx=LDRVx=2.5V
Isk_HDRV
HDRVx Sink Current
VCBOOTx = VDDx = 5V, VSWx = 0V, HDRVX
0.8
A
= 2.5V
Isk_LDRV
LDRVx Sink Current
VCBOOTx = VDDx = 5V, VSWx = 0V, LDRVX
1.1
A
= 2.5V
RHDRV
HDRV1 & 2 Source On-
VCBOOT1 = VCBOOT2 = 5V,
3.1
Resistance
VSW1 = VSW2 = 0V
HDRV1 & 2 Sink On-
1.5
Resistance
RLDRV
LDRV1 & 2 Source On-
VCBOOT1 = VCBOOT2 = 5V,
3.1
Resistance
VSW1 = VSW2 = 0V
VDD1 = VDD1 = 5V
LDRV1 & 2 Sink On-
1.1
Resistance
Oscillator
Fosc
Oscillator Frequency
260
300
340
kHz
-40°C to 125°C
257.5
340
Don_max
Maximum On-Duty Cycle
VFB1 = VFB2 = 1V, Measured at pins
96
98
HDRV1 and HDRV2
%
-40°C to 125°C
95.64
Ton_min
Minimum On-Time
166
ns
SSOT_delta
HDRV1 and HDRV2 Delta
ON/SS1 = ON/SS2 = 2V
20
150
ns
On Time
Error Amplifier
IFB1, IFB2
Feedback Input Bias
VFB1_FIX = 1.5V, VFB2_FIX = 1.5V
65
±200
nA
Current
Icomp1_SC,
COMP Output Source
VFB1_FIX = VFB2_FIX = 1V,
18
113
Icomp2_SC
Current
VCOMP1 = VCOMP2 = 1V
µA
0°C to 125°C
32
-40°C to 125°C
6
Icomp1_SK,
COMP Output Sink Current
VFB1_FIX = VFB2_FIX = 1.5V and
18
108
Icomp2_SK
VCOMP1 = VCOMP2 = 0.5V
µA
0°C to 125°C
32
-40°C to 125°C
6
gm1, gm2
Transconductance
650
µmho
GISNS1,
Current Sense Amplifier
VCOMPx = 1.25V
4.2
5.2
7.5
GISNS2
(1&2) Gain
Voltage References and Linear Voltage Regulators
UVLO
VLIN5 Under-voltage
ON/SS1, ON/SS2 transition
Lockout
from low to high
3.6
4.0
4.4
V
Threshold Rising
Logic Outputs
IOL
PGOOD Low Sink Current
VPGOOD = 0.4V
0.60
0.95
mA
IOH
PGOOD High Leakage
VPGOOD = 5V
5
200
nA
Current
6
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2642


유사한 부품 번호 - LM2642

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2642 NSC-LM2642 Datasheet
643Kb / 20P
   Two-Phase Synchronous Step-Down Switching Controller
logo
Texas Instruments
LM2642 TI-LM2642 Datasheet
1Mb / 31P
[Old version datasheet]   LM2642 Two-Phase Synchronous Step-Down Switching Controller
logo
National Semiconductor ...
LM26420 NSC-LM26420 Datasheet
635Kb / 28P
   Dual 2.0A, High Frequency Synchronous Step-Down DC-DC Regulator
logo
Texas Instruments
LM26420 TI1-LM26420 Datasheet
1Mb / 47P
[Old version datasheet]   Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
LM26420-Q0 TI-LM26420-Q0 Datasheet
1Mb / 44P
[Old version datasheet]   LM26420/LM26420-Q0/Q1 Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
More results

유사한 설명 - LM2642

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2642 NSC-LM2642 Datasheet
643Kb / 20P
   Two-Phase Synchronous Step-Down Switching Controller
logo
Texas Instruments
LM2642MTCX TI-LM2642MTCX Datasheet
1Mb / 31P
[Old version datasheet]   LM2642 Two-Phase Synchronous Step-Down Switching Controller
logo
National Semiconductor ...
LM2648 NSC-LM2648 Datasheet
1,017Kb / 23P
   Two-Phase, Synchronous Step-Down 3-Channel Switching Regulator Controller
logo
Linear Technology
LTC3850 LINER-LTC3850_15 Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-2 LINER-LTC3850-2 Datasheet
401Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850 LINER-LTC3850 Datasheet
522Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-2 LINER-LTC3850-2_15 Datasheet
413Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850EUFDTRPBF LINER-LTC3850EUFDTRPBF Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-1 LINER-LTC3850-1_15 Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com