전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2671LD-ADJ 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2671LD-ADJ
상세설명  LM2671 SIMPLE SWITCHER짰 Power Converter High Efficiency 500-mA Step-Down Voltage Regulator With Features
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2671LD-ADJ 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LM2671LD-ADJ Datasheet HTML 7Page - Texas Instruments LM2671LD-ADJ Datasheet HTML 8Page - Texas Instruments LM2671LD-ADJ Datasheet HTML 9Page - Texas Instruments LM2671LD-ADJ Datasheet HTML 10Page - Texas Instruments LM2671LD-ADJ Datasheet HTML 11Page - Texas Instruments LM2671LD-ADJ Datasheet HTML 12Page - Texas Instruments LM2671LD-ADJ Datasheet HTML 13Page - Texas Instruments LM2671LD-ADJ Datasheet HTML 14Page - Texas Instruments LM2671LD-ADJ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
11
LM2671
www.ti.com
SNVS008L – SEPTEMBER 1998 – REVISED JUNE 2016
Product Folder Links: LM2671
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
Feature Description (continued)
8.3.2 Input
The input voltage for the power supply is connected to the VIN pin. In addition to providing energy to the load the
input voltage also provides bias for the internal circuitry of the LM2671. For ensured performance the input
voltage must be in the range of 6.5 V to 40 V. For best performance of the power supply the VIN pin must always
be bypassed with an input capacitor placed close to this pin and GND.
8.3.3 C Boost
A capacitor must be connected from the CB pin to the VSW pin. This capacitor boosts the gate drive to the internal
MOSFET above VIN to fully turn it ON. This minimizes conduction losses in the power switch to maintain high
efficiency. The recommended value for C Boost is 0.01 μF.
8.3.4 Ground
This is the ground reference connection for all components in the power supply. In fast-switching, high-current
applications such as those implemented with the LM2671, TI recommends that a broad ground plane be used to
minimize signal coupling throughout the circuit.
8.3.5 Sync
This input allows control of the switching clock frequency. If left open-circuited the regulator is switched at the
internal oscillator frequency, typically 260 kHz. An external clock can be used to force the switching frequency
and thereby control the output ripple frequency of the regulator. This capability provides for consistent filtering of
the output ripple from system to system as well as precise frequency spectrum positioning of the ripple frequency
which is often desired in communications and radio applications. This external frequency must be greater than
the LM2671 internal oscillator frequency, which could be as high as 275 kHz, to prevent an erroneous reset of
the internal ramp oscillator and PWM control of the power switch. The ramp oscillator is reset on the positive
going edge of the sync input signal. TI recommends that the external TTL or CMOS compatible clock (between
0 V and a level greater than 3 V) be ac coupled to the SYNC pin through a 100-pF capacitor and a 1-kΩ resistor
to ground.
When the SYNC function is used, current limit frequency foldback is not active. Therefore, the device may not be
fully protected against extreme output short-circuit conditions.
8.3.6 Feedback
This is the input to a two-stage high gain amplifier, which drives the PWM controller. Connect the FB pin directly
to the output for proper regulation. For the fixed output devices (3.3-V, 5-V and 12-V outputs), a direct wire
connection to the output is all that is required as internal gain setting resistors are provided inside the LM2671.
For the adjustable output version two external resistors are required to set the DC output voltage. For stable
operation of the power supply it is important to prevent coupling of any inductor flux to the feedback input.
8.3.7 ON/OFF
This input provides an electrical ON/OFF control of the power supply. Connecting this pin to ground or to any
voltage less than 0.8 V is completely turn OFF the regulator. The current drain from the input supply when OFF
is only 50 μA. The ON/OFF input has an internal pullup current source of approximately 20 μA and a protection
clamp Zener diode of 7 V to ground. When electrically driving the ON/OFF pin the high voltage level for the ON
condition must not exceed the 6 V absolute maximum limit. When ON/OFF control is not required this pin must
be left open.
8.4 Device Functional Modes
8.4.1 Shutdown Mode
The ON/OFF pin provides electrical ON and OFF control for the LM2671. When the voltage of this pin is lower
than 1.4 V, the device enters shutdown mode. The typical standby current in this mode is 50 μA.


유사한 부품 번호 - LM2671LD-ADJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2671LD-ADJ NSC-LM2671LD-ADJ Datasheet
972Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2671LD-ADJ NSC-LM2671LD-ADJ Datasheet
610Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2671LD-ADJ TI-LM2671LD-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
LM2671LD-ADJ TI-LM2671LD-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
LM2671LD-ADJ TI1-LM2671LD-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator
More results

유사한 설명 - LM2671LD-ADJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM22671Q NSC-LM22671Q Datasheet
429Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671 NSC-LM22671 Datasheet
426Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2674 TI1-LM2674 Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2674M-3.3 TI-LM2674M-3.3 Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2672 NSC-LM2672_01 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2671 NSC-LM2671_07 Datasheet
610Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2672 NSC-LM2672_07 Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
National Instruments Co...
LM2671M-33 NI-LM2671M-33 Datasheet
641Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM2672 TI1-LM2672 Datasheet
1Mb / 36P
[Old version datasheet]   LM2672 SIMPLE SWITCHER짰 Power Converter High Efficiency 1-A Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com