전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2726M 데이터시트(PDF) 6 Page - Texas Instruments

부품명 LM2726M
상세설명  LM2725/LM2726 High Speed Synchronous MOSFET Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2726M 데이터시트(HTML) 6 Page - Texas Instruments

Back Button LM2726M Datasheet HTML 2Page - Texas Instruments LM2726M Datasheet HTML 3Page - Texas Instruments LM2726M Datasheet HTML 4Page - Texas Instruments LM2726M Datasheet HTML 5Page - Texas Instruments LM2726M Datasheet HTML 6Page - Texas Instruments LM2726M Datasheet HTML 7Page - Texas Instruments LM2726M Datasheet HTML 8Page - Texas Instruments LM2726M Datasheet HTML 9Page - Texas Instruments LM2726M Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
PWM_IN
LG
HG
t1
t2
t3
t4
t5
t6
t7
t8
LM2725, LM2726
SNVS144D – NOVEMBER 2000 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
LM2726 (continued)
VCC = CBOOT = 5V, SW = GND = 0V, unless otherwise specified. Typicals and limits appearing in plain type apply for TA =
TJ = +25°C. Limits appearing in boldface type apply over the entire operating temperature range.
Symbol
Parameter
Condition
Min
Typ
Max
Units
ton_min
Minimum Positive Input Pulse
Width
55
(1)
ns
toff_min
Minimum Negative Input Pulse
Width
55
(2)
VIH_PWM
PWM_IN High Level Input
When PWM_IN pin goes high
2.4
Voltage
from 0V
V
VIL_PWM
PWM_IN Low Level Input
When PWM_IN pin goes low
0.25
Voltage
from 5V
(1)
If after a rising edge, a falling edge occurs sooner than the specified value, the IC may intermittently fail to turn on the bottom gate when
the top gate is off. As the falling edge occurs sooner and sooner, the driver may start to ignore the pulse and produce no output.
(2)
If after a falling edge, a rising edge occurs sooner than the specified value, the IC may intermittently fail to turn on the top gate when the
bottom gate is off. As the rising edge occurs sooner and sooner, the driver may start to ignore the pulse and produce no output.
TEST CIRCUIT DIAGRAMS
Figure 2. Timing Diagram
Figure 3. Enable Pin Shutdown
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2725 LM2726


유사한 부품 번호 - LM2726M

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2726M NSC-LM2726M Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
LM2726MX NSC-LM2726MX Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
More results

유사한 설명 - LM2726M

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2725 NSC-LM2725 Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
logo
Linear Technology
LTC4442-1 LINER-LTC4442-1_15 Datasheet
184Kb / 14P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4442 LINER-LTC4442_15 Datasheet
184Kb / 14P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4442 LINER-LTC4442 Datasheet
161Kb / 12P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4443 LINER-LTC4443 Datasheet
145Kb / 12P
   High Speed Synchronous N-Channel MOSFET Drivers
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
   High Speed MOSFET Drivers
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com