전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2743 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2743
상세설명  LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2743 데이터시트(HTML) 5 Page - Texas Instruments

  LM2743 Datasheet HTML 1Page - Texas Instruments LM2743 Datasheet HTML 2Page - Texas Instruments LM2743 Datasheet HTML 3Page - Texas Instruments LM2743 Datasheet HTML 4Page - Texas Instruments LM2743 Datasheet HTML 5Page - Texas Instruments LM2743 Datasheet HTML 6Page - Texas Instruments LM2743 Datasheet HTML 7Page - Texas Instruments LM2743 Datasheet HTML 8Page - Texas Instruments LM2743 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
LM2743
www.ti.com
SNVS276H – APRIL 2004 – REVISED OCTOBER 2015
6.5 Electrical Characteristics
Typical limits are for TJ = 25°C only, represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only; minimum and maximum limits apply over the junction temperature range of –40°C to 125°C. Unless otherwise
specified, VCC = 3.3 V. Data sheet minimum and maximum specification limits are specified by design, test, or statistical
analysis. (See
(1))
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VFB
FB Pin Voltage
VCC = 3 V to 6 V
0.588
0.6
0.612
V
UVLO Thresholds
Rising
2.76
VON
V
Falling
2.42
VCC = 3.3 V, VSD = 3.3 V
1
1.5
2.1
Fsw = 600 kHz
Operating VCC Current
mA
IQ_VCC
VCC = 5V, VSD = 3.3 V
1
1.7
2.1
Fsw = 600 kHz
Shutdown VCC Current
VCC = 3.3 V, VSD = 0 V
110
185
µA
tPWGD1
PWGD Pin Response Time
VFB Rising
6
µs
tPWGD2
PWGD Pin Response Time
VFB Falling
6
µs
ISS-ON
SS Pin Source Current
VSS = 0 V
7
10
14
µA
SS Pin Sink Current During Over
VSS = 2.5 V
ISS-OC
90
µA
Current
ISEN-TH
ISEN Pin Source Current Trip Point
25
40
55
µA
ERROR AMPLIFIER
Error Amplifier Unity Gain
GBW
9
MHz
Bandwidth
G
Error Amplifier DC Gain
106
dB
SR
Error Amplifier Slew Rate
3.2
V/µs
EAO Pin Current Sourcing and
VEAO = 1.5, FB = 0.55 V
2.6
IEAO
mA
Sinking Capability
VEAO = 1.5, FB = 0.65 V
9.2
Error Amplifier Output Voltage
Minimum
1
V
VEA
Maximum
2
V
GATE DRIVE
IQ-BOOT
BOOT Pin Quiescent Current
VBOOT = 12 V, VSD = 0
18
90
µA
High-Side MOSFET Driver Pull-Up
RHG_UP
VBOOT = 5 V at 350 mA Sourcing
3
ON resistance
High-Side MOSFET Driver Pull-
RHG_DN
HG = 5 V at 350 mA Sourcing
2
Down ON resistance
Low-Side MOSFET Driver Pull-Up
RLG_UP
VBOOT = 5 V at 350 mA Sourcing
3
ON resistance
Low-Side MOSFET Driver Pull-
RLG_DN
LG = 5 V at 350 mA Sourcing
2
Down ON resistance
OSCILLATOR
RFADJ = 702.1 kΩ
50
RFADJ = 98.74 kΩ
300
fSW
PWM Frequency
kHz
RFADJ = 45.74 kΩ
475
600
725
RFADJ = 24.91 kΩ
1000
Max High-Side Duty Cycle
fSW = 300 kHz
80%
D
fSW = 600 kHz
76%
fSW = 1 MHz
73%
LOGIC INPUTS AND OUTPUTS
Standby High Trip Point
VFB = 0.575 V, VBOOT = 3.3 V, VSD
V STBY-IH
1.1
V
Rising
Standby Low Trip Point
VFB = 0.575 V, VBOOT = 3.3 V, VSD
V STBY-IL
0.232
V
Falling
V SD-IH
SD Pin Logic High Trip Point
VSD Rising
1.3
V
(1)
The power MOSFETs can run on a separate 1-V to 16-V rail (Input voltage, VIN). Practical lower limit of VIN depends on selection of the
external MOSFET.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2743


유사한 부품 번호 - LM2743

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2743 NSC-LM2743 Datasheet
1Mb / 23P
   N-Channel FET Synchronous Buck Regulator Controller for Conversion from 3.3V
logo
Texas Instruments
LM2743 TI-LM2743 Datasheet
1Mb / 37P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743 TI1-LM2743 Datasheet
1Mb / 37P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2743MTC NSC-LM2743MTC Datasheet
1Mb / 23P
   N-Channel FET Synchronous Buck Regulator Controller for Conversion from 3.3V
logo
Texas Instruments
LM2743MTC TI-LM2743MTC Datasheet
1Mb / 37P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
More results

유사한 설명 - LM2743

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2743 TI-LM2743_15 Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743MTCX TI-LM2743MTCX Datasheet
1Mb / 37P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2746 NSC-LM2746 Datasheet
1Mb / 24P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2743 TI1-LM2743_14 Datasheet
1Mb / 37P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2744 TI1-LM2744 Datasheet
1Mb / 32P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM2744 TI-LM2744_15 Datasheet
1Mb / 33P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
National Semiconductor ...
LM2744 NSC-LM2744 Datasheet
663Kb / 22P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com