전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2750-ADJ 데이터시트(PDF) 6 Page - Texas Instruments

부품명 LM2750-ADJ
상세설명  LM2750 Low-Noise Switched-Capacitor Boost Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2750-ADJ 데이터시트(HTML) 6 Page - Texas Instruments

Back Button LM2750-ADJ Datasheet HTML 2Page - Texas Instruments LM2750-ADJ Datasheet HTML 3Page - Texas Instruments LM2750-ADJ Datasheet HTML 4Page - Texas Instruments LM2750-ADJ Datasheet HTML 5Page - Texas Instruments LM2750-ADJ Datasheet HTML 6Page - Texas Instruments LM2750-ADJ Datasheet HTML 7Page - Texas Instruments LM2750-ADJ Datasheet HTML 8Page - Texas Instruments LM2750-ADJ Datasheet HTML 9Page - Texas Instruments LM2750-ADJ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
LM2750, LM2750-ADJ
SNVS180N – APRIL 2002 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LM2750 LM2750-ADJ
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Typical values apply for TJ = 25°C; minimum and maximum limits apply over the operating junction temperature range;
2.9 V
≤ VIN ≤ 5.6 V, VOUT = 5 V (LM2750-ADJ), V(SD) = VIN, CFLY = 1 µF, CIN = 2 × 1 µF, COUT = 2 × 1 µF, unless otherwise
specified
(1)(2)(3).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(5)
SD Input Current (IIH ) is due to a 200-kΩ (typical) pulldown resistor connected internally between the SD pin and GND.
(6)
Limit is the minimum required output capacitance to ensure proper operation. This electrical specification is specified by design.
SHUTDOWN PIN (SD) CHARACTERISTICS
VIH
Logic-high SD input
1.3
VIN
V
VIL
Logic-low SD input
0
0.4
V
IIH
SD input current(5)
1.3 V
≤ V(SD) ≤ VIN
15
50
µA
IIL
SD input current
V(SD) = 0 V
–1
1
µA
CAPACITOR CHARACTERISTICS
CIN
Required input capacitance(6)
IOUT ≤ 60 mA
1
µF
60 mA
≤ IOUT ≤ 120 mA
2
COUT
Required output capacitance(6)
IOUT ≤ 60 mA
1
µF
60 mA
≤ IOUT ≤ 120 mA
2
(1)
Turnon time is measured from when SD signal is pulled high until the output voltage crosses 90% of its final value.
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tON
VOUT turnon time
VIN = 3 V, IOUT = 100 mA
(1)
0.5
ms


유사한 부품 번호 - LM2750-ADJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2750 NSC-LM2750 Datasheet
370Kb / 15P
   Low Noise, 5.0V Regulated Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2750 TI-LM2750 Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
National Semiconductor ...
LM2750LD-5.0 NSC-LM2750LD-5.0 Datasheet
370Kb / 15P
   Low Noise, 5.0V Regulated Switched Capacitor Voltage Converter
LM2750LD-5.0 NSC-LM2750LD-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Texas Instruments
LM2750LD-5.0 TI-LM2750LD-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
More results

유사한 설명 - LM2750-ADJ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2750 TI-LM2750_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
LM2750SDX TI-LM2750SDX Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
National Semiconductor ...
LM2750SD-5.0 NSC-LM2750SD-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Texas Instruments
LM2750SD-50 TI-LM2750SD-50 Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
Linear Technology
LTC1550 LINER-LTC1550 Datasheet
319Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550L LINER-LTC1550L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551 LINER-LTC1551_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551L LINER-LTC1551L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com