전자부품 데이터시트 검색엔진 |
|
LM193 데이터시트(PDF) 11 Page - Texas Instruments |
|
|
LM193 데이터시트(HTML) 11 Page - Texas Instruments |
11 / 25 page ±1 0 1 2 3 4 5 6 -0.25 0.25 0.75 1.25 1.75 2.25 Time (usec) 5mV OD 20mV OD 100mV OD C004 ±1 0 1 2 3 4 5 6 ±0.25 0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 Time (usec) 5mV OD 20mV OD 100mV OD C006 LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V www.ti.com SLCS005Y – OCTOBER 1979 – REVISED JUNE 2015 1. When both IN- and IN+ are both within the common-mode range: (a) If IN- is higher than IN+ and the offset voltage, the output is low and the output transistor is sinking current (b) If IN- is lower than IN+ and the offset voltage, the output is high impedance and the output transistor is not conducting 2. When IN- is higher than common-mode and IN+ is within common-mode, the output is low and the output transistor is sinking current 3. When IN+ is higher than common-mode and IN- is within common-mode, the output is high impedance and the output transistor is not conducting 4. When IN- and IN+ are both higher than common-mode, the output is low and the output transistor is sinking current 8.2.2.2 Minimum Overdrive Voltage Overdrive Voltage is the differential voltage produced between the positive and negative inputs of the comparator over the offset voltage (VIO). In order to make an accurate comparison the Overdrive Voltage (VOD) should be higher than the input offset voltage (VIO). Overdrive voltage can also determine the response time of the comparator, with the response time decreasing with increasing overdrive. Figure 8 and Figure 9 show positive and negative response times with respect to overdrive voltage. 8.2.2.3 Output and Drive Current Output current is determined by the load/pull-up resistance and logic/pullup voltage. The output current will produce a output low voltage (VOL) from the comparator. In which VOL is proportional to the output current. Use Typical Characteristics to determine VOL based on the output current. The output current can also effect the transient response. See Response Time for more information. 8.2.2.4 Response Time The transient response can be determined by the load capacitance (CL), load/pullup resistance (RPULLUP) and equivalent collector-emitter resistance (RCE). • The positive response time ( τp) is approximately τP ~ RPULLUP × CL • The negative response time ( τN) is approximately τN ~ RCE × CL – RCE can be determine by taking the slope of Typical Characteristics in it's linear region at the desired temperature, or by dividing the VOL by Iout 8.2.3 Application Curves The following curves were generated with 5 V on VCC and VLogic, RPULLUP = 5.1 kΩ, and 50 pF scope probe. Figure 8. Response Time for Various Overdrives Figure 9. Response Time for Various Overdrives (Positive Transition) (Negative Transition) Copyright © 1979–2015, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Links: LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V |
유사한 부품 번호 - LM193 |
|
유사한 설명 - LM193 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |