전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM317KCE3 데이터시트(PDF) 5 Page - Texas Instruments

부품명 LM317KCE3
상세설명  3-Terminal Adjustable Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM317KCE3 데이터시트(HTML) 5 Page - Texas Instruments

  LM317KCE3 Datasheet HTML 1Page - Texas Instruments LM317KCE3 Datasheet HTML 2Page - Texas Instruments LM317KCE3 Datasheet HTML 3Page - Texas Instruments LM317KCE3 Datasheet HTML 4Page - Texas Instruments LM317KCE3 Datasheet HTML 5Page - Texas Instruments LM317KCE3 Datasheet HTML 6Page - Texas Instruments LM317KCE3 Datasheet HTML 7Page - Texas Instruments LM317KCE3 Datasheet HTML 8Page - Texas Instruments LM317KCE3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LM317
www.ti.com
SLVS044W – SEPTEMBER 1997 – REVISED OCTOBER 2014
7.5 Electrical Characteristics
over recommended ranges of operating virtual junction temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
TJ = 25°C
0.01
0.04
Line regulation(2)
VI – VO = 3 V to 40 V
%/V
TJ = 0°C to 125°C
0.02
0.07
VO ≤ 5 V
25
mV
CADJ
(3) = 10 μF,
TJ = 25°C
VO ≥ 5 V
0.1
0.5
%VO
Load regulation
IO = 10 mA to 1500 mA
VO ≤ 5 V
20
70
mV
TJ = 0°C to 125°C
VO ≥ 5 V
0.3
1.5
%VO
Thermal regulation
20-ms pulse,
TJ = 25°C
0.03
0.07
%VO/W
ADJUST terminal current
50
100
μA
Change in
VI – VO = 2.5 V to 40 V, PD ≤ 20 W, IO = 10 mA to 1500 mA
0.2
5
μA
ADJUST terminal current
Reference voltage
VI – VO = 3 V to 40 V, PD ≤ 20 W, IO = 10 mA to 1500 mA
1.2
1.25
1.3
V
Output-voltage
TJ = 0°C to 125°C
0.7
%VO
temperature stability
Minimum load current
VI – VO = 40 V
3.5
10
mA
to maintain regulation
VI – VO ≤ 15 V,
PD < PMAX
(4)
1.5
2.2
Maximum output current
A
VI – VO ≤ 40 V,
PD < PMAX
(4),
TJ = 25°C
0.15
0.4
RMS output noise voltage
f = 10 Hz to 10 kHz,
TJ = 25°C
0.003
%VO
(% of VO)
CADJ = 0 μF
(3)
57
Ripple rejection
VO = 10 V,
f = 120 Hz
dB
CADJ = 10 μF
(3)
62
64
Long-term stability
TJ = 25°C
0.3
1
%/1k hr
(1)
Unless otherwise noted, the following test conditions apply: |VI – VO| = 5 V and IOMAX = 1.5 A, TJ = 0°C to 125°C. Pulse testing
techniques are used to maintain the junction temperature as close to the ambient temperature as possible.
(2)
Line regulation is expressed here as the percentage change in output voltage per 1-V change at the input.
(3)
CADJ is connected between the ADJUST terminal and GND.
(4)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA) / θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
Copyright © 1997–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM317


유사한 부품 번호 - LM317KCE3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM317KCE3 TI-LM317KCE3 Datasheet
743Kb / 22P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results

유사한 설명 - LM317KCE3

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com