전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM317KCE3 데이터시트(PDF) 10 Page - Texas Instruments

부품명 LM317KCE3
상세설명  3-Terminal Adjustable Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM317KCE3 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM317KCE3 Datasheet HTML 6Page - Texas Instruments LM317KCE3 Datasheet HTML 7Page - Texas Instruments LM317KCE3 Datasheet HTML 8Page - Texas Instruments LM317KCE3 Datasheet HTML 9Page - Texas Instruments LM317KCE3 Datasheet HTML 10Page - Texas Instruments LM317KCE3 Datasheet HTML 11Page - Texas Instruments LM317KCE3 Datasheet HTML 12Page - Texas Instruments LM317KCE3 Datasheet HTML 13Page - Texas Instruments LM317KCE3 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LM317
R1
240 W
IAdj
R2
Adjust
Ci
0.1 µF
CO
1.0 µF
VI
VO
Output
Input
Vref = 1.25 V
D1
1N4002
D2
1N4002
CADJ
LM317
SLVS044W – SEPTEMBER 1997 – REVISED OCTOBER 2014
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The flexibility of the LM317 allows it to be configured to take on many different functions in DC power
applications.
9.2 Typical Application
Figure 9. Adjustable Voltage Regulator
9.2.1 Design Requirements
R1 and R2 are required to set the output voltage.
CADJ is recommended to improve ripple rejection. It prevents amplification of the ripple as the output voltage
is adjusted higher.
Ci is recommended, particularly if the regulator is not in close proximity to the power-supply filter capacitors. A
0.1-µF disc or 1-µF tantalum capacitor provides sufficient bypassing for most applications, especially when
adjustment and output capacitors are used.
CO improves transient response, but is not needed for stability.
Protection diode D2 is recommended if CADJ is used. The diode provides a low-impedance discharge path to
prevent the capacitor from discharging into the output of the regulator.
Protection diode D1 is recommended if CO is used. The diode provides a low-impedance discharge path to
prevent the capacitor from discharging into the output of the regulator.
9.2.2 Detailed Design Procedure
VO is calculated as shown in Equation 1. IADJ is typically 50 µA and negligible in most applications.
VO = VREF (1 + R2 / R1) + (IADJ × R2)
(1)
10
Submit Documentation Feedback
Copyright © 1997–2014, Texas Instruments Incorporated
Product Folder Links: LM317


유사한 부품 번호 - LM317KCE3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM317KCE3 TI-LM317KCE3 Datasheet
743Kb / 22P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results

유사한 설명 - LM317KCE3

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com