전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2941QML 데이터시트(PDF) 3 Page - Texas Instruments

부품명 LM2941QML
상세설명  1A Low Dropout Adjustable Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2941QML 데이터시트(HTML) 3 Page - Texas Instruments

  LM2941QML_16 Datasheet HTML 1Page - Texas Instruments LM2941QML_16 Datasheet HTML 2Page - Texas Instruments LM2941QML_16 Datasheet HTML 3Page - Texas Instruments LM2941QML_16 Datasheet HTML 4Page - Texas Instruments LM2941QML_16 Datasheet HTML 5Page - Texas Instruments LM2941QML_16 Datasheet HTML 6Page - Texas Instruments LM2941QML_16 Datasheet HTML 7Page - Texas Instruments LM2941QML_16 Datasheet HTML 8Page - Texas Instruments LM2941QML_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LM2941QML, LM2941QML-SP
www.ti.com
SNVS390B – AUGUST 2009 – REVISED APRIL 2013
Absolute Maximum Ratings
(1)
Input Voltage (Survival Voltage,
≤ 100ms)
60V
Internal Power Dissipation(2)
Internally Limited
Maximum Junction Temperature
150°C
Storage Temperature Range
−65°C ≤ TJ ≤ +150°C
Lead Temperature (Soldering, 10 seconds)
300°C
CFP "WG" (device 01, 02) (Still Air)
122°C/W
CFP "WG" (device 01, 02) (500LF/Min Air Flow)
77°C/W
θJA
CFP "GW" (device 03, 04) (Still Air)
136°C/W
Thermal Resistance
CFP "GW" (device 03, 04) (500LF/Min Air Flow)
87°C/W
CFP "WG" (device 01, 02)(3)
5°C/W
θJC
CFP "GW" (device 03, 04)
13°C/W
CFP "WG" (device 01, 02)
360mg
Package Weight (Typ)
CFP "GW" (device 03, 04)
410mg
ESD susceptibility to be determined(4)
500V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For specified specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
θJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax - TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower.
(3)
The package material for these devices allows much improved heat transfer over our standard ceramic packages. In order to take full
advantage of this improved heat transfer, heat sinking must be provided between the package base (directly beneath the die), and either
metal traces on, or thermal vias through, the printed circuit board. Without this additional heat sinking, device power dissipation must be
calculated using
θJA, rather than θJC, thermal resistance. It must not be assumed that the device leads will provide substantial heat
transfer out of the package, since the thermal resistance of the lead frame material is very poor, relative to the material of the package
base. The stated
θJC thermal resistance is for the package material only, and does not account for the additional thermal resistance
between the package base and the printed circuit board. The user must determine the value of the additional thermal resistance and
must combine this with the stated value for the package, to calculate the total allowed power dissipation for the device.
(4)
Human body model, 1.5 k
Ω in series with 100 pF.
Recommended Operating Conditions
Maximum Input Voltage
26V
Temperature Range
−55°C ≤ TA ≤ 125°C
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2941QML LM2941QML-SP


유사한 부품 번호 - LM2941QML_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2941QML-SP TI-LM2941QML-SP_15 Datasheet
371Kb / 15P
[Old version datasheet]   LM2941QML 1A Low Dropout Adjustable Regulator
More results

유사한 설명 - LM2941QML_16

제조업체부품명데이터시트상세설명
logo
Silicon Standard Corp.
SS8117G SSC-SS8117G Datasheet
326Kb / 6P
   1A Adjustable Low-Dropout Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
   1A Low Dropout Adjustable Regulator
LM2941 NSC-LM2941 Datasheet
322Kb / 10P
   1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941 TI1-LM2941_16 Datasheet
3Mb / 30P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
logo
International Rectifier
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117 Datasheet
293Kb / 9P
   1A Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
LM2941QML-SP TI-LM2941QML-SP_15 Datasheet
371Kb / 15P
[Old version datasheet]   LM2941QML 1A Low Dropout Adjustable Regulator
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A Datasheet
136Kb / 8P
   1A Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com