전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2940CSX-15 데이터시트(PDF) 1 Page - Texas Instruments

부품명 LM2940CSX-15
상세설명  1A Low Dropout Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2940CSX-15 데이터시트(HTML) 1 Page - Texas Instruments

  LM2940CSX-15 Datasheet HTML 1Page - Texas Instruments LM2940CSX-15 Datasheet HTML 2Page - Texas Instruments LM2940CSX-15 Datasheet HTML 3Page - Texas Instruments LM2940CSX-15 Datasheet HTML 4Page - Texas Instruments LM2940CSX-15 Datasheet HTML 5Page - Texas Instruments LM2940CSX-15 Datasheet HTML 6Page - Texas Instruments LM2940CSX-15 Datasheet HTML 7Page - Texas Instruments LM2940CSX-15 Datasheet HTML 8Page - Texas Instruments LM2940CSX-15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
VIN
Unregulated Input
VOUT
Regulated Output
C1*
0.47 µF
COUT**
22 µF
LM2940
IQ
+
IN
OUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM2940-N, LM2940C
SNVS769J – MARCH 2000 – REVISED DECEMBER 2014
LM2940x 1-A Low Dropout Regulator
1 Features
3 Description
The
LM2940-N
and
LM2940C
positive
voltage
1
Input Voltage Range = 6 V to 26 V
regulators feature the ability to source 1 A of output
Dropout Voltage Typically 0.5 V at IOUT = 1 A
current with a dropout voltage of typically 0.5 V and a
Output Current in Excess of 1 A
maximum of 1 V over the entire temperature range.
Furthermore, a quiescent current reduction circuit has
Output Voltage Trimmed Before Assembly
been included which reduces the ground current
Reverse Battery Protection
when the differential between the input voltage and
Internal Short Circuit Current Limit
the output voltage exceeds approximately 3 V. The
quiescent current with 1 A of output current and an
Mirror Image Insertion Protection
input-output differential of 5 V is therefore only 30
P+ Product Enhancement Tested
mA. Higher quiescent currents only exist when the
regulator is in the dropout mode (VIN − VOUT ≤ 3 V).
2 Applications
Designed also for vehicular applications, the LM2940-
Post Regulator for Switching Supplies
N and LM2940C and all regulated circuitry are
Logic Power Supplies
protected from reverse battery installations or 2-
Industrial Instrumentation
battery jumps. During line transients, such as load
dump when the input voltage can momentarily
space
exceed the specified maximum operating voltage, the
space
regulator will automatically shut down to protect both
space
the internal circuits and the load. The LM2940-N and
LM2940C cannot be harmed by temporary mirror-
image insertion. Familiar regulator features such as
short circuit and thermal overload protection are also
provided.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOT-223 (4)
6.50 mm x 3.50 mm
WSON (8)
4.00 mm x 4.00 mm
LM2940-N
TO-263 (3)
10.18 mm x 8.41 mm
TO-220 (3)
14.986 mm x 10.16 mm
TO-263 (3)
10.18 mm x 8.41 mm
LM2940C
TO-220 (3)
14.986 mm x 10.16 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
*Required if regulator is located far from power supply filter.
**COUT must be at least 22 μF to maintain stability. May be increased without bound to maintain regulation during
transients. Locate as close as possible to the regulator. This capacitor must be rated over the same operating
temperature range as the regulator and the ESR is critical; see curve.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - LM2940CSX-15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2940CSX-15 TI1-LM2940CSX-15 Datasheet
2Mb / 35P
[Old version datasheet]   LM2940-N/LM2940C 1A Low Dropout Regulator
LM2940CSX-15/NOPB TI1-LM2940CSX-15/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   LM2940-N/LM2940C 1A Low Dropout Regulator
More results

유사한 설명 - LM2940CSX-15

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
   1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940QML TI1-LM2940QML_16 Datasheet
390Kb / 17P
[Old version datasheet]   1A Low Dropout Regulator
logo
National Semiconductor ...
MNLM2940-12-X NSC-MNLM2940-12-X Datasheet
265Kb / 14P
   1A LOW DROPOUT REGULATOR
logo
Texas Instruments
REG104-25 TI1-REG104-25 Datasheet
845Kb / 23P
[Old version datasheet]   1A Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com