전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM317LCPWR 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 LM317LCPWR
상세설명  3-Terminal Adjustable Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM317LCPWR 데이터시트(HTML) 3 Page - Texas Instruments

  LM317LCPWR Datasheet HTML 1Page - Texas Instruments LM317LCPWR Datasheet HTML 2Page - Texas Instruments LM317LCPWR Datasheet HTML 3Page - Texas Instruments LM317LCPWR Datasheet HTML 4Page - Texas Instruments LM317LCPWR Datasheet HTML 5Page - Texas Instruments LM317LCPWR Datasheet HTML 6Page - Texas Instruments LM317LCPWR Datasheet HTML 7Page - Texas Instruments LM317LCPWR Datasheet HTML 8Page - Texas Instruments LM317LCPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
INPUT
OUTPUT
ADJUSTMENT
LP PACKAGE
(TOP VIEW)
INPUT
OUTPUT
ADJUSTMENT
PK PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
INPUT
OUTPUT
OUTPUT
ADJUSTMENT
NC
OUTPUT
OUTPUT
NC
D PACKAGE
(TOP VIEW)
NC – No internal connection
OUTPUT terminals are all internally connected.
1
2
3
4
8
7
6
5
INPUT
NC
NC
ADJUSTMENT
NC
NC
OUTPUT
NC
PW PACKAGE
(TOP VIEW)
NC – No internal connection
LM317L
www.ti.com
SLCS144E – JULY 2004 – REVISED OCTOBER 2014
6 Pin Configuration and Functions
Pin Functions
NAME
D, PW
LP, PK
TYPE
DESCRIPTION
ADJUSTMENT
4
I
Output feedback voltage
INPUT
1
I
Input supply voltage
5
NC
No connect
8
2
3
OUTPUT
O
Regulated output voltage
6
7
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM317L


유사한 부품 번호 - LM317LCPWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM317LCPWR TI-LM317LCPWR Datasheet
278Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317LCPWR TI1-LM317LCPWR Datasheet
936Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results

유사한 설명 - LM317LCPWR

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com