전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS41FKUA 데이터시트(PDF) 3 Page - SEC Electronics Inc.

부품명 SS41FKUA
상세설명  Hall Latch Position Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECELECTRONICS [SEC Electronics Inc.]
홈페이지  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS41FKUA 데이터시트(HTML) 3 Page - SEC Electronics Inc.

  SS41FKUA Datasheet HTML 1Page - SEC Electronics Inc. SS41FKUA Datasheet HTML 2Page - SEC Electronics Inc. SS41FKUA Datasheet HTML 3Page - SEC Electronics Inc. SS41FKUA Datasheet HTML 4Page - SEC Electronics Inc. SS41FKUA Datasheet HTML 5Page - SEC Electronics Inc. SS41FKUA Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SS41F
Hall Latch Position Sensor
3
V3.10
Nov 1, 2013
Pin Definitions and Descriptions
SOT Pin
№ SIP Pin №
Name
Type
Function
1
1
VDD
Supply
Supply Voltage pin
2
3
OUT
Output
Open Drain Output pin
3
2
GND
Ground
Ground pin
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Supply Voltage
VDD
28
V
Supply Current
IDD
50
mA
Output Voltage
VOUT
28
V
Output Current
IOUT
50
mA
Storage Temperature Range
TS
-65 to 170
°C
Operating Temperature Range
Symbol
Value
Units
Temperature Suffix “E”
TA
-40 to 85
°C
Temperature Suffix “K”
TA
-40 to 125
°C
Temperature Suffix “L”
TA
-40 to 150
°C
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum- rated conditions for ex-
tended periods may affect device reliability.


유사한 부품 번호 - SS41FKUA

제조업체부품명데이터시트상세설명
logo
Honeywell Solid State E...
SS41F HONEYWELL-SS41F Datasheet
291Kb / 5P
   Low-cost Digital Bipolar Hall-effect Sensor ICs
September 2015
More results

유사한 설명 - SS41FKUA

제조업체부품명데이터시트상세설명
logo
SEC Electronics Inc.
SS2019 SECELECTRONICS-SS2019 Datasheet
318Kb / 6P
   Hall Latch Position Sensor
logo
Silicon Laboratories
SI720X SILABS-SI720X Datasheet
580Kb / 31P
   Si720x Switch/Latch Hall Effect Magnetic Position Sensor
logo
NANJING AH ELECTRONICS ...
AH4059 AHNJ-AH4059 Datasheet
605Kb / 8P
   Latch Type Hall Sensor
AH512 AHNJ-AH512 Datasheet
771Kb / 9P
   Latch Type Hall Sensor
AH3031 AHNJ-AH3031 Datasheet
707Kb / 9P
   Latch Type Hall Sensor
logo
IC-Haus GmbH
IC-ML ICHAUS-IC-ML Datasheet
337Kb / 17P
   HALL Position Sensor / Encoder
logo
NANJING AH ELECTRONICS ...
AH3012 AHNJ-AH3012 Datasheet
708Kb / 9P
   Latch Type Hall sensor
AH413 AHNJ-AH413 Datasheet
657Kb / 8P
   Latch Type Hall Sensor
AH3013 AHNJ-AH3013 Datasheet
708Kb / 9P
   Latch Type Hall Sensor
AH3041N AHNJ-AH3041N Datasheet
735Kb / 9P
   Latch Type Hall Sensor
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com