전자부품 데이터시트 검색엔진 |
|
SS139_1311 데이터시트(PDF) 2 Page - SEC Electronics Inc. |
|
SS139_1311 데이터시트(HTML) 2 Page - SEC Electronics Inc. |
2 / 6 page SS139 Unipolar Hall Switch-Low Sensitivity 2 V3.10 Nov 1, 2013 Glossary of Terms MilliTesla (mT), Gauss Units of magnetic flux density: 1mT = 10 Gauss RoHS Restriction of Hazardous Substances Operating Point (BOP) Magnetic flux density applied on the branded side of the package which turns the output driver ON (VOUT = VDSon) Release Point (BRP) Magnetic flux density applied on the branded side of the package which turns the output driver OFF (VOUT = high) Pin Definitions and Descriptions SOT Pi n № SIP Pin № Name Type Function 1 1 VDD Supply Supply Voltage pin 2 3 OUT Output Open Drain Output pin 3 2 GND Ground Ground pin Absolute Maximum Ratings Parameter Symbol Value Units Supply Voltage VDD 28 V Supply Current IDD 50 mA Output Voltage VOUT 28 V Output Current IOUT 50 mA Storage Temperature Range TS -65 to 170 °C Operating Temperature Range Symbol Value Units Temperature Suffix “E” TA -40 to 85 °C Temperature Suffix “K” TA -40 to 125 °C Temperature Suffix “L” TA -40 to 150 °C Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. |
유사한 부품 번호 - SS139_1311 |
|
유사한 설명 - SS139_1311 |