전자부품 데이터시트 검색엔진 |
|
SN74ABT16245A-EP 데이터시트(PDF) 4 Page - Texas Instruments |
|
|
SN74ABT16245A-EP 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 11 page www.ti.com Electrical Characteristics SN74ABT16245A-EP 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS SCBS807B – OCTOBER 2005 – REVISED JANUARY 2006 over recommended operating free-air temperature range (unless otherwise noted) TA = 25°C PARAMETER TEST CONDITIONS MIN MAX UNIT MIN TYP(1) MAX VIK VCC = 4.5 V, II = –18 mA –1.2 –1.2 V VCC = 4.5 V, IOH = –3 mA 2.5 2.5 VCC = 5 V, IOH = –3 mA 3 3 VOH V IOH = –24 mA 2 2 VCC = 4.5 V IOH = –32 mA 2 IOL = 48 mA 0.55 0.55 VOL VCC = 4.5 V V IOL = 64 mA 0.55 Vhys 100 mV Control VCC = 0 to 5.5 V, VI = VCC or GND ±1 ±1 inputs II µA A or B VCC = 2.1 V to 5.5 V, VI = VCC or GND ±20 ±100 port IOZPU VCC = 0 to 2.1 V, VO = 0.5 V to 2.7 V, OE = X ±50 µA IOZPD VCC = 2.1 V to 0, VO = 0.5 V to 2.7 V, OE = X ±50 µA IOZH(2) VCC = 2.7 V to 5.5 V, VO = 2.7 V, OE ≥ 2 V 10(3) 10 µA IOZL(2) VCC = 2.7 V to 5.5 V, VO = 0.5 V, OE ≥ 2 V –10(3) –10 µA Ioff VCC = 0, VI or VO ≤ 5.5 V ±100 µA ICEX VCC = 5.5 V, VO = 5.5 V Outputs high 50 50 µA IO(4) VCC = 5.5 V, VO = 2.5 V –50 –100 –180 –50 –180 mA Outputs high 2 2 A or B VCC = 5.5 V, IO = 0, ICC Outputs low 32 32 mA port VI = VCC or GND Outputs disabled 2 2 VCC = 5.5 V, Outputs enabled 2 1.5 Data One input at 3.4 V, inputs Outputs disabled 0.05 1 Other inputs at VCC or GND ∆I CC (5) mA Control VCC = 5.5 V, One input at 3.4 V, 1.5 1.5 inputs Other inputs at VCC or GND Control Ci VI = 2.5 V or 0.5 V 3 pF inputs A or B Co VO = 2.5 V or 0.5 V 6 pF port (1) All typical values are at VCC = 5 V. (2) The parameters IOZH and IOZL include the input leakage current. (3) This limit may vary among suppliers. (4) Not more than one output should be tested at a time, and the duration of the test should not exceed one second. (5) This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND. 4 |
유사한 부품 번호 - SN74ABT16245A-EP |
|
유사한 설명 - SN74ABT16245A-EP |