전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCM1804RGETG4 데이터시트(PDF) 8 Page - Texas Instruments

부품명 CDCM1804RGETG4
상세설명  1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CDCM1804RGETG4 데이터시트(HTML) 8 Page - Texas Instruments

Back Button CDCM1804RGETG4 Datasheet HTML 4Page - Texas Instruments CDCM1804RGETG4 Datasheet HTML 5Page - Texas Instruments CDCM1804RGETG4 Datasheet HTML 6Page - Texas Instruments CDCM1804RGETG4 Datasheet HTML 7Page - Texas Instruments CDCM1804RGETG4 Datasheet HTML 8Page - Texas Instruments CDCM1804RGETG4 Datasheet HTML 9Page - Texas Instruments CDCM1804RGETG4 Datasheet HTML 10Page - Texas Instruments CDCM1804RGETG4 Datasheet HTML 11Page - Texas Instruments CDCM1804RGETG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.ti.com
−160
−155
−150
−145
−140
−135
−130
−125
−120
−115
−110
VDD = 3.3 V
TA = 25°C
f = 622 MHz
÷1 Mode
f − Frequency Offset From Carrier − Hz
10
100
1k
100M
10k
100k
10M
1M
G001
−160
−155
−150
−145
−140
−135
−130
−125
−120
−115
−110
−105
−100
VDD = 3.3 V
TA = 25°C
f = 250 MHz
÷1 Mode
f − Frequency Offset From Carrier − Hz
10
100
1k
100M
10k
100k
10M
1M
G002
f − Frequency − GHz
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
TA = 25°C
Load = 50
Ω to VDD − 2 V
VDD = 3.6 V
VDD = 3.3 V
VDD = 3 V
G003
f − Frequency − MHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
25
75
125 175 225 275 325 375 425 475
TA = 25°C
Load = See Figure 10
VDD3 = 3 V
VDD3 = 3.6 V
VDD = 3.3 V
G004
CDCM1804
SCAS697E – JULY 2003 – REVISED MAY 2005
ADDITIVE PHASE NOISE
ADDITIVE PHASE NOISE
vs
vs
FREQUENCY OFFSET FROM CARRIER – LVPECL
FREQUENCY OFFSET FROM CARRIER – LVCMOS
Figure 2.
Figure 3.
LVPECL OUTPUT SWING
LVCMOS OUTPUT SWING
vs
vs
FREQUENCY
FREQUENCY
Figure 4.
Figure 5.
8


유사한 부품 번호 - CDCM1804RGETG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCM1804RGETG4 TI1-CDCM1804RGETG4 Datasheet
623Kb / 27P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
More results

유사한 설명 - CDCM1804RGETG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCM1804 TI1-CDCM1804_17 Datasheet
623Kb / 27P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
CDCM1802 TI-CDCM1802 Datasheet
695Kb / 22P
[Old version datasheet]   CLOCK BUFFER WITH PROGRAMMABLE DIVIDER, LVPECL I/O ADDITIONAL LVCMOS OUTPUT
CDCM1802 TI1-CDCM1802_15 Datasheet
1Mb / 30P
[Old version datasheet]   CDCM1802 Clock Buffer With Programmable Divider, LVPECL I/O Additional LVCMOS Output
CDCP1803 TI-CDCP1803 Datasheet
308Kb / 19P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803-EP TI1-CDCP1803-EP Datasheet
595Kb / 24P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803 TI1-CDCP1803_13 Datasheet
932Kb / 25P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER
logo
Motorola, Inc
MC100ES6226 MOTOROLA-MC100ES6226 Datasheet
282Kb / 12P
   2.5/3.3V Differential LVPECL 1:9 Clock Distribution Buffer and Clock Divider
logo
Integrated Device Techn...
8T73S208A-01 IDT-8T73S208A-01_16 Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
logo
Renesas Technology Corp
8T73S208A-01 RENESAS-8T73S208A-01 Datasheet
878Kb / 25P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
05/20/16
logo
Integrated Device Techn...
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
   2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com