전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74276DW 데이터시트(PDF) 8 Page - Texas Instruments

부품명 SN74276DW
상세설명  QUADRUPLE J-K FLIP-FLOPS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74276DW 데이터시트(HTML) 8 Page - Texas Instruments

Back Button SN74276DW Datasheet HTML 2Page - Texas Instruments SN74276DW Datasheet HTML 3Page - Texas Instruments SN74276DW Datasheet HTML 4Page - Texas Instruments SN74276DW Datasheet HTML 5Page - Texas Instruments SN74276DW Datasheet HTML 6Page - Texas Instruments SN74276DW Datasheet HTML 7Page - Texas Instruments SN74276DW Datasheet HTML 8Page - Texas Instruments SN74276DW Datasheet HTML 9Page - Texas Instruments SN74276DW Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(9.3)
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
20X (2)
20X (0.6)
18X (1.27)
(R
)
TYP
0.05
4220724/A 05/2016
SOIC - 2.65 mm max height
DW0020A
SOIC
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:6X
1
10
11
20
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED


유사한 부품 번호 - SN74276DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74276 TI-SN74276 Datasheet
171Kb / 5P
[Old version datasheet]   QUADRUPLE J-K FLIP-FLOPS
SN74276N TI-SN74276N Datasheet
171Kb / 5P
[Old version datasheet]   QUADRUPLE J-K FLIP-FLOPS
More results

유사한 설명 - SN74276DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54276 TI-SN54276 Datasheet
171Kb / 5P
[Old version datasheet]   QUADRUPLE J-K FLIP-FLOPS
SN54376 TI1-SN54376_10 Datasheet
276Kb / 6P
[Old version datasheet]   QUADRUPLE J-K FLIP-FLOPS
SN54376 TI-SN54376 Datasheet
111Kb / 3P
[Old version datasheet]   QUADRUPLE J-K FLIP-FLOPS
logo
Aeroflex Circuit Techno...
UT54ACS109E AEROFLEX-UT54ACS109E Datasheet
146Kb / 10P
   Dual J-K Flip-Flops
logo
Hitachi Semiconductor
HD74HC113 HITACHI-HD74HC113 Datasheet
52Kb / 8P
   Dual J-K Flip-Flops (with Preset)
logo
STMicroelectronics
HCC4095B STMICROELECTRONICS-HCC4095B Datasheet
295Kb / 13P
   GATE J-K MASTER-SLAVE FLIP-FLOPS
logo
Texas Instruments
SN54107 TI-SN54107 Datasheet
493Kb / 12P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH CLEAR
SN5473 TI1-SN5473_15 Datasheet
872Kb / 17P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH CLEAR
logo
Aeroflex Circuit Techno...
UT54ACS109 AEROFLEX-UT54ACS109 Datasheet
55Kb / 6P
   Radiation-Hardened Dual J-K Flip-Flops
logo
Texas Instruments
SN74HC73D TI1-SN74HC73D Datasheet
123Kb / 4P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com