전자부품 데이터시트 검색엔진 |
|
SS495KUA 데이터시트(PDF) 3 Page - SEC Electronics Inc. |
|
SS495KUA 데이터시트(HTML) 3 Page - SEC Electronics Inc. |
3 / 4 page SS495 Linear Hall Effect Sensor 3 V3.10 Nov 1, 2013 Electrical Characteristics Operation parameters TA =25°C,VCC =5.0V Parameter Symbol Test Conditions Min Typ Max Units Operating Voltage VCC Operating 4.5 5 10.5 V Supply Current ICC Average 5 8.0 mA Output Current IOUT 1.0 1.5 mA Response Time Tack 3 uS Quiescent Output Voltage Vo B = 0G 2.5 V Sensitivity △V out TA= 25°C 3.0 3.3 3.6 mV/G Min Output Voltage B = -700G 0.2 V Max Output Voltage B = 700G 4.8 V Magnetic Field Characteristics Parameter Test Conditions Min Typ Max Units Sensitivity TA= 25°C 3.0 3.3 3.6 mV/G Range of magnetic field strength ±650 ±700 G Linearity ﹣1.0 % Operating Temperature -40 +150 °C Zero drift ﹣0.10 0.10 %/°C Sensitivity temperature drift TA ≥ 25°C ﹣0.15 0.05 %/°C TA< 25°C ﹣0.04 0.185 %/°C Installation Caution: 1. Should be installed by minimizing the mechanical stress on the Hall circuit; 2. On the conditions of ensuring the quality of the welding, the welding temperature and time should be reduced as far as possible. |
유사한 부품 번호 - SS495KUA |
|
유사한 설명 - SS495KUA |