전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM1086 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 LM1086
상세설명  1.5-A Low Dropout Positive Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM1086 데이터시트(HTML) 7 Page - Texas Instruments

Back Button LM1086 Datasheet HTML 3Page - Texas Instruments LM1086 Datasheet HTML 4Page - Texas Instruments LM1086 Datasheet HTML 5Page - Texas Instruments LM1086 Datasheet HTML 6Page - Texas Instruments LM1086 Datasheet HTML 7Page - Texas Instruments LM1086 Datasheet HTML 8Page - Texas Instruments LM1086 Datasheet HTML 9Page - Texas Instruments LM1086 Datasheet HTML 10Page - Texas Instruments LM1086 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LM1086
www.ti.com
SNVS039J – JUNE 2000 – REVISED APRIL 2015
6.6 Typical Characteristics
Figure 2. Short-Circuit Current vs Input/Output Difference
Figure 1. Dropout Voltage vs Output Current
Figure 4. Percent Change in Output Voltage vs
Figure 3. Load Regulation vs Temperature
Temperature
Figure 5. Adjust Pin Current vs Temperature
Figure 6. Maximum Power Dissipation vs Temperature
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM1086


유사한 부품 번호 - LM1086

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM1086 NSC-LM1086 Datasheet
822Kb / 15P
   1.5A Low Dropout Positive Regulators
logo
List of Unclassifed Man...
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
HTC Korea TAEJIN Techno...
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Seme LAB
LM1086-05-220M SEME-LAB-LM1086-05-220M Datasheet
33Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE
LM1086-12-220M SEME-LAB-LM1086-12-220M Datasheet
33Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE
More results

유사한 설명 - LM1086

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1086 TI-LM1086_15 Datasheet
2Mb / 30P
[Old version datasheet]   LM1086 1.5-A Low Dropout Positive Regulators
logo
List of Unclassifed Man...
PJ1086 ETC-PJ1086 Datasheet
290Kb / 6P
   1.5 Amp Low Dropout Positive Voltage Regulators
logo
Microsemi Corporation
LX8415-XX MICROSEMI-LX8415-XX Datasheet
191Kb / 7P
   0.5 A LOW DROPOUT POSITIVE REGULATORS
LX8584-XX MICROSEMI-LX8584-XX Datasheet
206Kb / 7P
   7 A LOW DROPOUT POSITIVE REGULATORS
LX8383-XX MICROSEMI-LX8383-XX Datasheet
200Kb / 7P
   7.5 A LOW DROPOUT POSITIVE REGULATORS
LX8385-XX MICROSEMI-LX8385-XX Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1085 TI1-LM1085_16 Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
logo
Linear Dimensions Semic...
LND1085 LINEAR_DIMENSIONS-LND1085 Datasheet
155Kb / 5P
   1.5 A / 3 A Low Dropout Voltage Regulators
logo
Texas Instruments
LM1086-MIL TI1-LM1086-MIL Datasheet
856Kb / 23P
[Old version datasheet]   1.5-A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com